Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC284
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC284 Datasheet HTML 10Page - Semtech Corporation SC284 Datasheet HTML 11Page - Semtech Corporation SC284 Datasheet HTML 12Page - Semtech Corporation SC284 Datasheet HTML 13Page - Semtech Corporation SC284 Datasheet HTML 14Page - Semtech Corporation SC284 Datasheet HTML 15Page - Semtech Corporation SC284 Datasheet HTML 16Page - Semtech Corporation SC284 Datasheet HTML 17Page - Semtech Corporation SC284 Datasheet HTML 18Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
4
SC284
Applications Information (continued)
limit mode. Figure 4 shows how the typical current limit
holding current varies with output voltage. The SC284 is
capable of sustaining an indefinite short circuit without
damage and will resume normal operation when the fault
is removed. The foldback current limit mode is disabled
during soft-start. Current limit functionality is shown in
Figure 5 at the end of this section.
Current Limit Holding Current over Vout
0
50
100
150
200
250
300
1.0
1.5
2.0
2.5
3.0
3.5
Output Voltage (V)
TA= 25°C
VIN= 5.0V
VIN= 3.6V
VIN= 3.3V
Figure 4 — Typical Current Limit Holding Current
vs. Output Voltage
Over-Voltage Protection
In the event of a 5% over-voltage on the output, the
PWM drive is disabled leaving the LX pin floating.
Soft-Start
The soft-start mode is activated after VIN reaches its UVLO
and one or more CTL pins are set high to enable the part.
A thermal shutdown event will also activate the soft start
sequence. Soft-start mode controls the maximum current
during startup thus limiting inrush current. The PMOS
current limit is stepped through four soft start levels of
approximately 20%, 25%, 40%, & 00%. Each step is main-
tained for 200μs following an internal reference start up
duration of 50μs giving a total nominal startup period of
850μs. During startup, the chip operates by controlling
the inductor current swings between 0A and current limit.
If at any time V
OUT reaches 86% of the target or at the end
of the soft-start period, the SC284 will switch to PWM
mode operation. Figure 6 at the end of this section shows
the typical diagram of soft start operation.
The SC284 is capable of starting up into a pre-biased
output. When the output is precharged by another supply
rail, the SC284 will not discharge the output during the
soft start interval.
Shut Down
When all CTL pins of each channel are low, the channel will
run in shutdown mode, drawing less than μA from the
input power supply. The internal switches and bandgap
voltage will be immediately turned off.
Thermal Shutdown
The device has a thermal shutdown feature to protect
the SC284 if the junction temperature exceeds 60°C.
During thermal shutdown, the on-chip power devices are
disabled, tri-stating the LX output. When the temperature
drops by 0°C, it will initiate a soft start cycle to resume
normal operation.
Inductor Selection
The SC284 converter has internal loop compensation.
The compensation is designed to work with an output
filter corner frequency of less than 40kHz for a V
IN of 5V
and 50KHz for a V
IN of 3.3V over any operating condition.
The corner frequency of the output filter is shown in the
following equation.
OUT
C
C
L
2
1
f
Values outside this range may lead to instability,
malfunction, or out-of-specification performance.
In general, the inductance is chosen by making the
inductor ripple current to be less than 30% of maximum
load current. When choosing an inductor, it is important
to consider the change in inductance with DC bias
current. The inductor saturation current is specified as
the current at which the inductance drops a specific
percentage from the nominal value. This is approximately
30%. Except for short-circuit or other fault conditions,
the peak current must always be less than the saturation
current specified by the manufacturer. The peak current is
the maximum load current plus one half of the inductor
ripple current at the maximum input voltage. Load and/or
line transients can cause the peak current to exceed this
level for short durations. Maintaining the peak current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com