Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC284 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC284
Description  Dual Channel 2.5MHz, 1.8A Synchronous Step-Down Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC284 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC284 Datasheet HTML 12Page - Semtech Corporation SC284 Datasheet HTML 13Page - Semtech Corporation SC284 Datasheet HTML 14Page - Semtech Corporation SC284 Datasheet HTML 15Page - Semtech Corporation SC284 Datasheet HTML 16Page - Semtech Corporation SC284 Datasheet HTML 17Page - Semtech Corporation SC284 Datasheet HTML 18Page - Semtech Corporation SC284 Datasheet HTML 19Page - Semtech Corporation SC284 Datasheet HTML 20Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
6
SC284
Applications Information (continued)
Table 3 lists the manufacturers of recommended output
capacitor options.
Manufacturer
Part Nunber
Value
(μF)
Type
Rated
Voltage
(VDC)
Value
at
3.3V
(μF)
Dimensions
LxWxH
(mm)
Murata
GRM21BR60J106K
0±0%
X5R
6.3
4.74
2.0x.25x.25
(EIA:0805)
Murata
GRM219R60J106K
0±0%
X5R
6.3
4.05
2.0x.25x0.85
(EIA:0805)
Murata
GRM21BR60J226M
22±20%
X5R
6.3
6.57
2.0x.25x.25
(EIA:0805)
Murata
GRM31CR60J476M
47±20%
X5R
6.3
20.3
3.2x.6x.6
(EIA:206)
Table 3 – Recommended Capacitors
C
IN Selection
The SC284 source input current is a DC supply current
with a triangular ripple imposed on it. To prevent large
input voltage ripple, a low ESR ceramic capacitor is
required. A minimum value of 0μF should be used. It is
important to consider the DC voltage coefficient charac-
teristics when determining the actual required value. It
should be noted a 0µF, 6.3V, X5R ceramic capacitor with
5V DC applied may exhibit a capacitance as low as 4.5µF.
To estimate the required input capacitor, determine the
acceptable input ripple voltage and calculate the
minimum value required for C
IN as shown by the following
equation.
The input capacitor RMS ripple current varies with the
input and output voltage. The maximum input capacitor
RMS current is found from the next equation .
The input voltage ripple and RMS current ripple are at
a maximum when the input voltage is twice the output
voltage or 50% duty cycle.
The input capacitor provides a low impedance loop for
the edges of pulsed current drawn by the PMOS switch.
Low ESR/ESL X5R ceramic capacitors are recommended
for this function. To minimise stray inductance ,the
capacitor should be placed as closely as possible to the
VIN and GND pins of the SC284.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com