Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT04H-P05-50K-R11-TR Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # GT04H-P05-50K-R11-TR
Description  CRI 75 White LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

GT04H-P05-50K-R11-TR Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  GT04H-P05-50K-R11-TR Datasheet HTML 1Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 2Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 3Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 4Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
4
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Maximum Ratings
Parameter
Symbol
Ratings
Unit
DC Forward Current(1)
IF
800
mA
DC Pulse Current(2)
IPF
1000
mA
ESD Sensitivity
ESD
8000
V
Junction Temperature(3)
Tj
125
°C
Operating Temperature(4)(5)
Top.
-40 ~ +85
°C
Storage Temperature
Tstge.
-40 ~ +100
°C
Junction To Heat-Sink Thermal Resistance
Rth
7
°C /W
Max. Soldering Temperature
TSol
260
°C
Max. Allowable Reflow Cycles
n/a
3
cycles
Notes:
1. Maximum forward current is 1000mA (Thermal Pad = 25°C).
2. Duty cycle = 1/10@1KHz (Thermal Pad = 25°C)
3. Maximum junction temperature is 125°C for White LEDs.
4. Maximum Operating Temperature (Thermal Pad) is 85°C for White LEDs.
5.Avoid operating LEDs at maximum operating temperature exceeding 1 hour.
JEDEC Moisture Sensitivity
Floor Life
Soak Requirements
Standard
Level
Time
(hours)
Conditions
Time
(hours)
Conditions
3
168H
≦
30°C / 60% RH
192 (+5/-0)
30°C / 60% RH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com