Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT04H-P05-50K-R11-TR Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # GT04H-P05-50K-R11-TR
Description  CRI 75 White LED
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

GT04H-P05-50K-R11-TR Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button GT04H-P05-50K-R11-TR Datasheet HTML 5Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 6Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 7Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 8Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 9Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 10Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 11Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 12Page - Everlight Electronics Co., Ltd GT04H-P05-50K-R11-TR Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2011-12-09 16:32:40.0
DATASHEET
EHP- B05 Series
9
Copyright © 2011, Everlight All Rights Reserved. Release Date: 12.01.2011. Issue No: DHE-0001726
www.everlight.com
Cool-White Bin Coordinates
5000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.346
0.369
0.338
0.362
0.345
0.356
0.337
0.349
0.353
0.362
0.345
0.356
50K-1
0.355
0.376
50K-2
0.346
0.369
Reference Range: 4745~5000K
Reference Range: 5000~5310K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.345
0.356
0.337
0.349
0.344
0.343
0.337
0.337
0.352
0.349
0.344
0.343
50K-4
0.353
0.362
50K-3
0.345
0.356
Reference Range: 4745~5000K
Reference Range: 5000~5310K
5700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.329
0.354
0.321
0.346
0.329
0.342
0.321
0.335
0.337
0.349
0.329
0.342
57K-1
0.338
0.362
57K-2
0.329
0.354
Reference Range: 5310~5700K
Reference Range: 5700~6020K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.329
0.342
0.321
0.335
0.329
0.331
0.322
0.324
0.337
0.337
0.329
0.331
57K-4
0.337
0.349
57K-3
0.329
0.342
Reference Range: 5310~5700K
Reference Range: 5700~6020K
6500K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.312
0.339
0.303
0.330
0.313
0.329
0.305
0.321
0.321
0.337
0.313
0.329
65K-1
0.321
0.348
65K-2
0.312
0.339
Reference Range: 6020~6500K
Reference Range: 6500~7050K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
0.313
0.329
0.305
0.321
0.315
0.319
0.307
0.311
0.322
0.326
0.315
0.319
65K-4
0.321
0.337
65K-3
0.313
0.329
Reference Range: 6020~6500K
Reference Range: 6500~7050K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com