Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RBCAFP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R5F10RBCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RBCAFP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R5F10RBCAFP Datasheet HTML 5Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 6Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 7Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 8Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 9Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 10Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 11Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 12Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
RL78/L12
1. OUTLINE
Page 9 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
1.4 Pin Identification
ANI0, ANI1,
ANI16 to ANI23:
Analog Input
AVREFM:
Analog Reference
Voltage Minus
AVREFP:
Analog Reference
Voltage Plus
CAPH, CAPL:
Capacitor for LCD
COM0 to COM7,
COMEXP:
LCD Common Output
EVDD:
Power Supply for Port
EVSS:
Ground for Port
EXCLK:
External Clock Input
(Main System Clock)
EXCLKS:
External Clock Input
(Sub System Clock)
INTP0 to INTP7:
External Interrupt Input
KR0-KR3:
Key Return
P10 to P17:
Port 1
P20, P21:
Port 2
P30 to P32:
Port 3
P40 to P43:
Port 4
P50 to P54:
Port 5
P60, P61:
Port 6
P70 to P74:
Port 7
P120 to P127:
Port 12
P130, P137:
Port 13
P140 to P147:
Port 14
PCLBUZ0, PCLBUZ1:
Programmable Clock
Output/Buzzer Output
REGC:
Regulator Capacitance
RESET:
Reset
RTC1HZ:
Real-time Clock Correction Clock
(1 Hz) Output
RxD0:
Receive Data
SCK00, SCK01:
Serial Clock Input/Output
SCLA0:
Serial Clock Input/Output
SDAA0:
Serial Data Input/Output
SEG0 to SEG38:
LCD Segment Output
SI00, SI01:
Serial Data Input
SO00, SO01:
Serial Data Output
TI00 to TI07:
Timer Input
TO00 to TO07:
Timer Output
TOOL0:
Data Input/Output for Tool
TOOLRxD, TOOLTxD:
Data Input/Output for External Device
TxD0:
Transmit Data
VDD:
Power Supply
VL1 to VL4:
LCD Power Supply
VSS:
Ground
X1, X2:
Crystal Oscillator (Main System Clock)
XT1, XT2:
Crystal Oscillator (Subsystem Clock)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com