Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RBCAFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F10RBCAFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RBCAFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F10RBCAFP Datasheet HTML 1Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 2Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 3Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 4Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 5Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 6Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 7Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 8Page - Renesas Technology Corp R5F10RBCAFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
Preliminary Datasheet
Specifications in this document are tentative and subject to change.
RL78/L12
RENESAS MCU
Integrated LCD controller/driver, True Low Power Platform (as low as 75 µA/MHz, and 0.64 µA for RTC +
LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
Page 1 of 73
R01DS0157EJ0001
Rev.0.01
2012.02.20
R01DS0157EJ0001 Rev.0.01
2012.02.20
1. OUTLINE
1.1 Features
Ultra-Low Power Technology
• 1.6 V to 5.5 V operation from a single supply
• Stop (RAM retained): 0.23 µA, (LVD enabled): 0.31
µA
• Halt (RTC + LVD): 0.64 µA
• Supports snooze
• Operating: 75 µA/MHz
• LCD operating current (Capacitor split method): 0.12
µA
• LCD operating current (Internal voltage boost
method): 1.0 µA
16-bit RL78 CPU Core
• Delivers 31 DMIPS at maximum operating frequency
of 24 MHz
• Instruction Execution: 86% of instructions can be
executed in 1 to 2 clock cycles
• CISC Architecture (Harvard) with 3-stage pipeline
• Multiply Signed & Unsigned: 16 x 16 to 32-bit result in
1 clock cycle
• MAC: 16 x 16 to 32-bit result in 2 clock cycles
• 16-bit barrel shifter for shift & rotate in 1 clock cycle
• 1-wire on-chip debug function
Code Flash Memory
• Density: 8 KB to 32 KB
• Block size: 1 KB
• On-chip single voltage flash memory with protection
from block erase/writing
• Self-programming with secure boot swap function
and flash shield window function
Data Flash Memory
• Data flash with background operation
• Data flash size: 2 KB size
• Erase cycles: 1 Million (typ.)
• Erase/programming voltage: 1.8 V to 5.5 V
RAM
• 1 KB and 1.5 KB size options
• Supports operands or instructions
• Back-up retention in all modes
High-speed On-chip Oscillator
• 24 MHz with +/− 1% accuracy over voltage (1.8 V to
5.5 V) and temperature (
−20°C to 85°C) <target>
• Pre-configured settings: 24 MHz, 16 MHz, 12 MHz, 8
MHz, 4 MHz & 1 MHz
Reset and Supply Management
• Power-on reset (POR) monitor/generator
• Low voltage detection (LVD) with 14 setting options
(Interrupt and/or reset function)
LCD Controller/Driver
• Up to 35 seg x 8 com or 39 seg x 4 com
• Supports capacitor split method, internal voltage
boost method and resistance division method
• Supports waveform types A and B
• Supports LCD contrast adjustment (18 steps)
• Supports LCD blinking
Data Memory Access (DMA) Controller
• Up to 2 fully programmable channels
• Transfer unit: 8- or 16-bit
Multiple Communication Interfaces
• Up to 1 × I2C multi-master
• Up to 2 × CSI/SPI (7-, 8-bit)
• Up to 1 × UART (7-, 8-, 9-bit)
• Up to 1 × LIN
Extended-Function Timers
• Multi-function 16-bit timers: Up to 8 channels
• Real-time clock (RTC): 1 channel (full calendar and
alarm function with watch correction function)
• Interval Timer: 12-bit, 1 channel
• 15 kHz watchdog timer: 1 channel (window function)
Rich Analog
• ADC: Up to 10 channels, 10-bit resolution, 2.1 µs
conversion time
• Supports 1.6 V
• Internal voltage reference (1.45 V)
• On-chip temperature sensor
Safety Features (IEC or UL 60730 compliance)
• Flash memory CRC calculation
• RAM parity error check
• RAM write protection
• SFR write protection
• Illegal memory access detection
• Clock frequency detection
• ADC self-test
General Purpose I/O
• 5V tolerant, high-current (up to 20 mA per pin)
• Open-Drain, Internal Pull-up support
Operating Ambient Temperature
• Standard: −40 °C to +85 °C
Package Type and Pin Count
From 7mm x 7mm to 12mm x 12mm
QFP: 32, 44, 48, 52, 64
QFN: 64


Similar Part No. - R5F10RBCAFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10RBCA RENESAS-R5F10RBCA Datasheet
1Mb / 136P
Ultra-Low Power Technology
More results

Similar Description - R5F10RBCAFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78 RENESAS-RL78 Datasheet
854Kb / 100P
True Low Power Platform (as low as 66 ?쵡/MHz, and 0.60 ?쵡 for RTC LVD), 1.6 V to 5.5 V operation
R5F10E8AALA RENESAS-R5F10E8AALA Datasheet
965Kb / 79P
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz, and 0.57 關A for RTC LVD), 1.6 V to 3.6 V operation, 16 to 64 Kbyte Flash, 41 DMIPS at 32 MHz
RL78G1A_15 RENESAS-RL78G1A_15_15 Datasheet
1Mb / 126P
Combines Multi-channel 12-Bit A/D Converter, True Low Power Platform (as low as 66 關A/MHz
RL78L12 RENESAS-RL78L12_15 Datasheet
922Kb / 80P
Integrated LCD controller/driver, True Low Power Platform (as low as 62.5 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78L13 RENESAS-RL78L13_15 Datasheet
187Kb / 14P
Integrated LCD controller/driver, True Low Power Platform (as low as 112.5 關A/MHz, and 0.61 關A for RTC LVD), 1.6 V to 5.5 V operation, 16 to 128 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
RL78-G10 RENESAS-RL78-G10 Datasheet
661Kb / 35P
True Low Power Platform (as low as 46 關A/MHz), 2.0 to 5.5V Operation
RL78-G12 RENESAS-RL78-G12 Datasheet
998Kb / 110P
True Low Power Platform (as low as 63 關A/MHz), 1.8V to 5.5V operation
RL78 RENESAS-RL78_V01 Datasheet
3Mb / 207P
True low-power platform (66 μA/MHz, and 0.57 μA for operation with only RTC and LVD) for the general-purpose applications, with 1.6-V to 5.5-V operation, 16- to 512-Kbyte code flash memory, and 41 DMIPS at 32 MHz
Rev.3.50
R7F0C901B2 RENESAS-R7F0C901B2 Datasheet
1Mb / 90P
True Low Power Platform (as low as 66 µA/MHz), 1.6 V to 5.5 V operation, 48 to 64 Kbyte Flash, 41 DMIPS at 32 MHz, for General Purpose Applications
Jun 24, 2014
R7F0C903-908 RENESAS-R7F0C903-908 Datasheet
1Mb / 99P
True Low Power Platform (as low as 66 µA/MHz, and 0.57 µA for LVD), 1.6 V to 5.5 V operation, 16 to 48 Kbyte Flash, 31 DMIPS at 24 MHz, for General Purpose Applications
Jun 05, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com