Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CSDFA Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F2136CSDFA
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSDFA Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F2136CSDFA Datasheet HTML 1Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 2Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 3Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 4Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 5Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 6Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 7Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 8Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
R8C/36T-A Group
1. Overview
R01DS0055EJ0100 Rev.1.00
Page 4 of 58
Dec 09, 2011
1.2
Product List
Table 1.3 lists product information. Figure 1.1 shows the Product Part Number Structure.
Figure 1.1
Product Part Number Structure
Table 1.3
Product List
Part No.
Internal ROM Capacity
Internal RAM
Capacity
Package Type
Remarks
Program ROM
Data Flash
R5F21368SNFP
64 Kbytes
1 Kbyte × 4
6 Kbytes
PLQP0064KB-A
N version
R5F2136ASNFP
96 Kbytes
8 Kbytes
R5F2136CSNFP
128 Kbytes
10 Kbytes
R5F21368SNFA
64 Kbytes
6 Kbytes
PLQP0064GA-A
R5F2136ASNFA
96 Kbytes
8 Kbytes
R5F2136CSNFA
128 Kbytes
10 Kbytes
R5F21368SDFP
64 Kbytes
6 Kbytes
PLQP0064KB-A
D version
R5F2136ASDFP
96 Kbytes
8 Kbytes
R5F2136CSDFP
128 Kbytes
10 Kbytes
R5F21368SDFA
64 Kbytes
6 Kbytes
PLQP0064GA-A
R5F2136ASDFA
96 Kbytes
8 Kbytes
R5F2136CSDFA
128 Kbytes
10 Kbytes
Current of Dec 2011
Part No . R 5 F 21 36 C S N FP
Package type:
FP: PLQP0064KB-A
(0.5 mm pin pitch, 10
 10 mm square body)
FA: PLQP0064GA-A
(0.8 mm pin pitch, 14
 14 mm square body)
Classification
N: Operating ambient temperature -20°C to 85°C
D: Operating ambient temperature -40°C to 85°C
ROM capacity
8: 64 KB
A: 96 KB
C: 128 KB
R8C/36T-A Group
R8C/3xT-A Series
Memory type
F: Flash memory
Renesas MCU
Renesas semiconductor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com