Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2136CSDFA Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # R5F2136CSDFA
Description  RENESAS MCU
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2136CSDFA Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button R5F2136CSDFA Datasheet HTML 15Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 16Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 17Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 18Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 19Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 20Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 21Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 22Page - Renesas Technology Corp R5F2136CSDFA Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 61 page
background image
R8C/36T-A Group
3. Address Space
R01DS0055EJ0100 Rev.1.00
Page 19 of 58
Dec 09, 2011
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.4
SFR Information (4) (1)
Address
Symbol
Register Name
After Reset
Remarks
000BAh
000BBh
000BCh
000BDh
000BEh
000BFh
000C0h
U2MR
UART2 Transmit/Receive Mode Register
00h
000C1h
U2BRG
UART2 Bit Rate Register
00h
000C2h
U2TB
UART2 Transmit Buffer Register
00h
000C3h
00h
000C4h
U2C0
UART2 Transmit/Receive Control Register 0
00001000b
000C5h
U2C1
UART2 Transmit/Receive Control Register 1
00000010b
000C6h
U2RB
UART2 Receive Buffer Register
0000h
000C7h
000C8h
U2RXDF
UART2 Digital Filter Function Select Register
00h
000C9h
000CAh
000CBh
000CCh
000CDh
000CEh
000CFh
000D0h
U2SMR5
UART2 Special Mode Register 5
00h
000D1h
000D2h
000D3h
000D4h
U2SMR4
UART2 Special Mode Register 4
00h
000D5h
U2SMR3
UART2 Special Mode Register 3
00h
000D6h
U2SMR2
UART2 Special Mode Register 2
00h
000D7h
U2SMR
UART2 Special Mode Register
00h
000D8h
000D9h
000DAh
000DBh
000DCh
000DDh
000DEh
000DFh
000E0h
IICCR_0
I2C_0 Control Register
00001110b
000E1h
SSBR_0
SS_0 Bit Counter Register
11111000b
000E2h
SITDR_0
SI_0 Transmit Data Register
FFh
000E3h
FFh
000E4h
SIRDR_0
SI_0 Receive Data Register
FFh
000E5h
FFh
000E6h
SICR1_0
SI_0 Control Register 1
00h
000E7h
SICR2_0
SI_0 Control Register 2
01111101b
000E8h
SIMR1_0
SI_0 Mode Register 1
00010000b
000E9h
SIER_0
SI_0 Interrupt Enable Register
00h
000EAh
SISR_0
SI_0 Status Register
00h
000EBh
SIMR2_0
SI_0 Mode Register 2
00h
000ECh
000EDh
000EEh
000EFh
000F0h
000F1h
000F2h
000F3h
000F4h
000F5h
000F6h
000F7h
000F8h
000F9h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com