Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89873L_0708 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY89873L_0708
Description  3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89873L_0708 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY89873L_0708 Datasheet HTML 1Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 2Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 3Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 4Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 5Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 6Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 7Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 8Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Precision Edge®
SY89873L
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
■ Guaranteed AC performance
•> 2.0GHz fMAX output toggle
•> 3.0GHz fMAX input
•< 800ps tPD (matched-delay between banks)
•< 15ps within-device skew
•< 190ps rise/fall time
■ Low jitter design
•< 1psRMS cycle-to-cycle jitter
•< 10psPP total jitter
■ Unique input termination and V
T pin for DC-coupled
and AC-coupled inputs: any differential inputs
(LVPECL, LVDS, CML, HSTL)
■ Precision differential LVDS outputs
■ Matched delay: all outputs have matched delay,
independent of divider setting
■ TTL/CMOS inputs for select and reset/disable
■ Two LVDS output banks (matched delay)
• Bank A: Buffered copy of input clock (undivided)
• Bank B: Divided output (
÷2, ÷4, ÷8, ÷16),
two copies
■ 3.3V power supply
■ Wide operating temperature range: –40°C to +85°C
■ Available in 16-pin (3mm ×
×
×
×
× 3mm) MLF® package
FEATURES
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
PROGRAMMABLE CLOCK DIVIDER
FANOUT BUFFER W/ INTERNAL TERMINATION
Precision Edge®
SY89873L
APPLICATIONS
■ SONET/SDH line cards
■ Transponders
■ High-end, multiprocessor servers
Rev.: F
Amendment: /0
Issue Date:
February 2007
This 3.3V low-skew, low-jitter, precision LVDS output clock
divider accepts any high-speed differential clock input (AC- or
DC-coupled) CML, LVPECL, HSTL or LVDS and divides down
the frequency using a programmable divider ratio to create a
frequency-locked, lower speed version of the input clock. The
SY89873L includes two output banks. Bank A is an exact
copy of the input clock (pass through) with matched
propagation delay to Bank B, the divided output bank. Available
divider ratios are 2, 4, 8 and 16. In a typical 622MHz clock
system this would provide availability of 311MHz, 155MHz,
77MHz or 38MHz auxiliary clock components.
The differential input buffer has a unique internal termination
design that allows access to the termination network through
a VT pin. This feature allows the device to easily interface to
all AC- or DC-coupled differential logic standards. A VREF-AC
reference is included for AC-coupled applications.
The SY89873L is part of Micrel’s high-speed Precision
Edge® timing and distribution family. For 2.5V applications,
consider the SY89872U. For applications that require an
LVPECL output, consider the SY89871U.
The /RESET input asynchronously resets the divider outputs
(Bank B). In the pass-through function (Bank A) the /RESET
synchronously enables or disables the outputs on the next
falling edge of IN (rising edge of /N). Refer to the Timing
Diagram.
All support documentation can be found on Micrel’s web
site at: www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
TYPICAL APPLICATION
Precision Edge is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are registered trademarks of Amkor Technology, Inc.
IN
50Ω
50Ω
/IN
S0
S1
QB1
/QB1
QB0
/QB0
QA
/QA
/RESET
VT
VREF-AC
Divided
by
2, 4, 8
or 16
Decoder
Enable
FF
Enable
MUX
Precision Edge®
IN
/IN
QA
/QA
622MHz LVDS
Clock Out
622MHz LVPECL
Clock In
622MHz/155.5MHz
SONET Clock Generator
Bank B: 155.5MHz: For OC-3 line card
Set to divide-by-4
Bank A: 622MHz: For OC-12 line card
Set to pass-through
155.5MHz LVDS
Clock Out
OC-12 or
OC-3
Clock Gen
QB
/QB


Similar Part No. - SY89873L_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89873LMG MICREL-SY89873LMG Datasheet
103Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89873LMGTR MICREL-SY89873LMGTR Datasheet
103Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89873LMI MICREL-SY89873LMI Datasheet
103Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89873LMITR MICREL-SY89873LMITR Datasheet
103Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
More results

Similar Description - SY89873L_0708

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89875U MICREL-SY89875U Datasheet
231Kb / 10P
2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1;2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89872U MICREL-SY89872U Datasheet
575Kb / 10P
2.5V, 2GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER/FANOUT BUFFER WITH INTERNAL TERMINATION
SY89873L MICREL-SY89873L Datasheet
103Kb / 11P
3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER FANOUT BUFFER W/ INTERNAL TERMINATION
SY89875U MICREL-SY89875U_07 Datasheet
161Kb / 10P
2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89876L MICREL-SY89876L Datasheet
109Kb / 10P
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS PROGRAMMABLE CLOCK DIVIDER AND 1:2 FANOUT BUFFER W/ INTERNAL TERMINATION
SY89871U MICREL-SY89871U_07 Datasheet
163Kb / 10P
2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89874U MICREL-SY89874U_08 Datasheet
151Kb / 10P
2.5GHz ANY DIFF. IN-TO-LVPECL PROGRAMMABLE CLOCK DIVIDER
SY89876L_0708 MICREL-SY89876L_0708 Datasheet
144Kb / 10P
3.3V, 2.0GHz ANY DIFFERENTIAL IN-TO-LVDS
SY89875U_0708 MICREL-SY89875U_0708 Datasheet
199Kb / 10P
2.5V, 2.0GHz ANY DIFF. IN-TO-LVDS
SY89872U_0708 MICREL-SY89872U_0708 Datasheet
178Kb / 10P
2.5V, 2GHz ANY DIFF. IN-TO-LVDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com