Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SY89873L_0708 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # SY89873L_0708
Description  3.3V, 2.0GHz ANY DIFF. IN-TO-LVDS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89873L_0708 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button SY89873L_0708 Datasheet HTML 3Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 4Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 5Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 6Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 7Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 8Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 9Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 10Page - Micrel Semiconductor SY89873L_0708 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Precision Edge®
SY89873L
Micrel, Inc.
M9999-082407
hbwhelp@micrel.com or (408) 955-1690
Part Number
Function
Data Sheet Link
SY89871U
2.5GHz Any Diff. In-to-LVPECL Programmable
www.micrel.com/product-info/products/sy89871u.shtml
Clock Divider/Fanout Buffer w/Internal Termination
SY89872U
2.5V 2GHz Any Diff. In-to-LVDS Programmable
www.micrel.com/product-info/products/sy89872u.shtml
Clock Divider/Fanout Buffer w/Internal Termination
MLF® Application Note
www.amkor.com/products/notes_papers/MLF_AppNote_0902.pdf
HBW Solutions
New Products and Applications
www.micrel.com/product-info/products/solutions.shtml
RELATED MICREL PRODUCTS AND SUPPORT DOCUMENTATION
INPUT INTERFACE APPLICATIONS
CML
IN
/IN
VT
NC
GND
SY89873L
VCC = 3.3V
VCC = 3.3V
VREF-AC
NC
Figure 3a. DC-Coupled CML
Input Interface
VCC
0.01µF
CML
IN
/IN
VT
GND
SY89873L
VCC = 3.3V
VCC = 3.3V
VREF-AC
Figure 3b. AC-Coupled CML
Input Interface
VCC = 3.3V
VCC = 3.3V
IN
/IN
VT
GND
SY89873L
VREF-AC
NC
VCC
* Bypass with 0.01µF to VCC
50Ω
.01µF
VCC–2V*
LVPECL
Figure 3c. DC-Coupled LVPECL
Input Interface
LVPECL
IN
/IN
VT
GND
SY89873L
VCC = 3.3V
VCC = 3.3V
VCC
GND
100Ω
100Ω
VREF-AC
0.01µF
Figure 3d. AC-Coupled LVPECL
Input Interface
LVDS
IN
/IN
VT
NC
GND
SY89873L
VCC = 3.3V
VCC = 3.3V
VREF-AC
NC
Figure 3e. LVDS
Input Interface
Figure 3f. HSTL
Input Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com