Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXGD3105N8 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXGD3105N8
Description  Low standby power with quiescent supply current < 1mA
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3105N8 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXGD3105N8 Datasheet HTML 1Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 2Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 3Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 4Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 5Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 6Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 7Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 8Page - Diodes Incorporated ZXGD3105N8 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ZXGD3105N8
Document Number DS35101 Rev. 1 – 2
4 of 13
www.diodes.com
November 2011
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXGD3105N8
Thermal Derating Curve
0
20
40
60
80
100
120
140
160
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
15mm x 15mm
5mm x 5mm
Minimum
Layout
Derating Curve
Junction Temperature (°C)
10mm x 10mm
ESD Rating
Characteristic
Value
Unit
ESD for Human Body Model
4000
V
ESD for Machine Model
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com