Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5590 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC5590
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5590 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC5590 Datasheet HTML 9Page - Linear Technology LTC5590 Datasheet HTML 10Page - Linear Technology LTC5590 Datasheet HTML 11Page - Linear Technology LTC5590 Datasheet HTML 12Page - Linear Technology LTC5590 Datasheet HTML 13Page - Linear Technology LTC5590 Datasheet HTML 14Page - Linear Technology LTC5590 Datasheet HTML 15Page - Linear Technology LTC5590 Datasheet HTML 16Page - Linear Technology LTC5590 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC5592
13
5592f
Introduction
The LTC5592 consists of two identical mixer channels
driven by a common LO input signal. Each high linearity
mixer consists of a passive double-balanced mixer core,
IF buffer amplifier, LO buffer amplifier and bias/enable
circuits. See the Pin Functions and Block Diagram sections
for a description of each pin. Each of the mixers can be
shutdown independently to reduce power consumption and
low current mode can be selected that allows a trade-off
between performance and power consumption. The RF and
LO inputs are single-ended and are internally matched to
50Ω. Low side or high side LO injection can be used. The
IF outputs are differential. The evaluation circuit, shown in
Figure 1, utilizes bandpass IF output matching and an IF
transformer to realize a 50Ω single-ended IF output. The
evaluation board layout is shown in Figure 2.
APPLICATIONS INFORMATION
Figure 2. Evaluation Board Layout (DC1710A)
The secondary winding of the RF transformer is inter-
nally connected to the channel A passive mixer core. The
center-tap of the transformer secondary is connected to
Pin 2 (CTA) to allow the connection of bypass capacitor,
C8A. The value of C8A can be adjusted to improve channel
isolation at specific RF frequencies with minor impact to
conversion gain, linearity and noise performance. When
used, it should be located within 2mm of Pin 2 for proper
high frequency decoupling. The nominal DC voltage on
the CTA pin is 1.2V.
For the RF inputs to be properly matched, the appropriate
LO signal must be applied to the LO input. A broadband
input match is realized with C1A = 22pF. The measured
input return loss is shown in Figure 4 for LO frequencies
of 1.7GHz, 2.16GHz and 2.5GHz. These LO frequencies
correspond to lower, middle and upper values in the LO
range. As shown in Figure 4, the RF input impedance is
dependent on LO frequency, although a single value of
C1A is adequate to cover the 1.7GHz to 2.5GHz RF band.
RF Inputs
The RF inputs of channels A and B are identical. The RF
input of channel A, shown in Figure 3, is connected to the
primary winding of an integrated transformer. A 50Ω match
is realized when a series external capacitor, C1A, is con-
nected to the RF input. C1A is also needed for DC blocking
if the source has DC voltage present, since the primary
side of the RF transformer is internally DC-grounded. The
DC resistance of the primary is approximately 3.9Ω.
Figure 3. Channel A RF Input Schematic
Figure 4. RF Port Return Loss
5592 F02
LTC5592
C1A
C8A
RFA
CTA
RFA
TO CHANNEL A
MIXER
1
2
5592 F03
FREQUENCY (MHz)
1500
–25
–20
–15
–10
0
–5
1700
5592 F04
1900
2100
2300
2500
2700
LO = 1700MHz
LO = 2160MHz
LO = 2500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com