Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5590 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC5590
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5590 Datasheet(HTML) 2 Page - Linear Technology

  LTC5590 Datasheet HTML 1Page - Linear Technology LTC5590 Datasheet HTML 2Page - Linear Technology LTC5590 Datasheet HTML 3Page - Linear Technology LTC5590 Datasheet HTML 4Page - Linear Technology LTC5590 Datasheet HTML 5Page - Linear Technology LTC5590 Datasheet HTML 6Page - Linear Technology LTC5590 Datasheet HTML 7Page - Linear Technology LTC5590 Datasheet HTML 8Page - Linear Technology LTC5590 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC5592
2
5592f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ...............................................4.0V
IF Supply Voltage (VCCIF) .........................................5.5V
Enable Voltage (ENA, ENB) ..............–0.3V to VCC + 0.3V
Bias Adjust Voltage (IFBA, IFBB)......–0.3V to VCC + 0.3V
Power Select Voltage (ISEL) .............–0.3V to VCC + 0.3V
LO Input Power (1GHz to 3GHz).............................9dBm
LO Input DC Voltage............................................... ±0.1V
RFA, RFB Input Power (1GHz to 3GHz) ................15dBm
RFA, RFB Input DC Voltage .................................... ±0.1V
Operating Temperature Range (TC)........ –40°C to 105°C
Storage Temperature Range .................. –65°C to 150°C
Junction Temperature (TJ) .................................... 150°C
(Note 1)
24 23 22 21 20 19
7
8
9
TOP VIEW
25
GND
UH PACKAGE
24-LEAD (5mm
5mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
RFA
CTA
GND
GND
CTB
RFB
ISEL
ENA
LO
GND
ENB
GND
TJMAX = 150°C, θJC = 7°C/W
EXPOSED PAD (PIN 25) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC5592IUH#PBF
LTC5592IUH#TRPBF
5592
24-Lead (5mm × 5mm) Plastic QFN
–40°C to 105°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
DC ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply Requirements (VCCA, VCCB, VCCIFA, VCCIFB)
VCCA, VCCB Supply Voltage (Pins 12, 19)
3.1
3.3
3.5
V
VCCIFA, VCCIFB Supply Voltage (Pins 9, 10, 21, 22)
3.1
3.3
5.3
V
Mixer Supply Current (Pins 12, 19)
Both Channels Enabled
199
237
mA
IF Amplifier Supply Current (Pins 9, 10, 21, 22)
Both Channels Enabled
202
252
mA
Total Supply Current (Pins 9, 10, 12, 19, 21, 22)
Both Channels Enabled
401
489
mA
Total Supply Current – Shutdown
ENA = ENB = Low
500
μA
Enable Logic Input (ENA, ENB) High = On, Low = Off
ENA, ENB Input High Voltage (On)
2.5
V
ENA, ENB Input Low Voltage (Off)
0.3
V
ENA, ENB Input Current
–0.3V to VCC + 0.3V
–20
30
μA
Turn On Time
0.9
μs
Turn Off Time
1μs
VCC = 3.3V, VCCIF = 3.3V, ENA = ENB = High, ISEL = Low, TC = 25°C,
unless otherwise noted. Test circuit shown in Figure 1. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com