Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5591 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC5591
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5591 Datasheet(HTML) 3 Page - Linear Technology

  LTC5591 Datasheet HTML 1Page - Linear Technology LTC5591 Datasheet HTML 2Page - Linear Technology LTC5591 Datasheet HTML 3Page - Linear Technology LTC5591 Datasheet HTML 4Page - Linear Technology LTC5591 Datasheet HTML 5Page - Linear Technology LTC5591 Datasheet HTML 6Page - Linear Technology LTC5591 Datasheet HTML 7Page - Linear Technology LTC5591 Datasheet HTML 8Page - Linear Technology LTC5591 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC5592
3
5592f
DC ELECTRICAL CHARACTERISTICS
VCC = 3.3V, VCCIF = 3.3V, ENA = ENB = High, ISEL = Low, TC = 25°C,
unless otherwise noted. Test circuit shown in Figure 1. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Low Power Mode Logic Input (ISEL) High = Low Power, Low = Normal Power Mode
ISEL Input High Voltage
2.5
V
ISEL Input Low Voltage
0.3
V
ISEL Input Current
–0.3V to VCC + 0.3V
–20
30
μA
Low Power Mode Current Consumption (ISEL = High)
Mixer Supply Current (Pins 12, 19)
Both Channels Enabled
130
156
mA
IF Amplifier Supply Current (Pins 9, 10, 21, 22)
Both Channels Enabled
122
156
mA
Total Supply Current (Pins 9, 10, 12, 19, 21, 22)
Both Channels Enabled
252
312
mA
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Conversion Gain
RF = 1950MHz
RF = 2350MHz
RF = 2550MHz
6.8
9.5
8.3
8.1
dB
dB
dB
Conversion Gain Flatness
RF = 2350 ±30MHz, LO = 2160MHz, IF = 190 ±30MHz
±0.14
dB
Conversion Gain vs Temperature
TC = –40ºC to 105ºC, RF = 2350MHz
–0.006
dB/°C
Input 3rd Order Intercept
RF = 1950MHz
RF = 2350MHz
RF = 2550MHz
24.0
26.3
27.3
26.3
dBm
dBm
dBm
SSB Noise Figure
RF = 1950MHz
RF = 2350MHz
RF = 2550MHz
9.4
9.8
9.9
dB
dB
dB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LO Input Frequency Range
1700 to 2500
MHz
RF Input Frequency Range
Low Side LO
High Side LO
1900 to 2700
1600 to 2300
MHz
MHz
IF Output Frequency Range
Requires External Matching
5 to 500
MHz
RF Input Return Loss
ZO = 50Ω, 1600MHz to 2700MHz
>13
dB
LO Input Return Loss
ZO = 50Ω, 1700MHz to 2500MHz
>17
dB
IF Output Impedance
Differential at 190MHz
379Ω||2.2pF
R||C
LO Input Power
fLO = 1700MHz to 2500MHz
–4
0
6
dBm
LO to RF Leakage
fLO = 1700MHz to 2500MHz
<–34
dBm
LO to IF Leakage
fLO = 1700MHz to 2500MHz
<–37
dBm
RF to LO Isolation
fRF = 1600MHz to 2700MHz
>57
dB
RF to IF Isolation
fRF = 1600MHz to 2700MHz
>37
dB
Channel-to-Channel Isolation
fRF = 1600MHz to 2700MHz
>47
dB
AC ELECTRICAL CHARACTERISTICS
VCC = 3.3V, VCCIF = 3.3V, ENA = ENB = High, ISEL = Low, TC = 25°C,
PLO = 0dBm, PRF = –3dBm (Δf = 2MHz for two tone IIP3 tests), unless otherwise noted. Test circuit shown in Figure 1. (Notes 2, 3, 4)
Low Side LO Downmixer Application: ISEL = Low, RF = 1900MHz to 2700MHz, IF = 190MHz, fLO = fRF – fIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com