Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5591 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC5591
Description  Dual 1.6GHz to 2.7GHz High Dynamic Range Downconverting Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5591 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC5591 Datasheet HTML 2Page - Linear Technology LTC5591 Datasheet HTML 3Page - Linear Technology LTC5591 Datasheet HTML 4Page - Linear Technology LTC5591 Datasheet HTML 5Page - Linear Technology LTC5591 Datasheet HTML 6Page - Linear Technology LTC5591 Datasheet HTML 7Page - Linear Technology LTC5591 Datasheet HTML 8Page - Linear Technology LTC5591 Datasheet HTML 9Page - Linear Technology LTC5591 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC5592
6
5592f
SSB Noise Figure vs RF Blocker
Power
LO Leakage vs LO Frequency
RF Isolation vs RF Frequency
Conversion Gain Distribution
IIP3 Distribution
SSB Noise Figure Distribution
2-Tone IF Output Power, IM3 and
IM5 vs RF Input Power
Single-Tone IF Output Power, 2 × 2
and 3 × 3 Spurs vs RF Input Power
2 × 2 and 3 × 3 Spur Suppression
vs LO Input Power
Low Side LO
TYPICAL AC PERFORMANCE CHARACTERISTICS
VCC = 3.3V, VCCIF = 3.3V, ENA = ENB = High, ISEL = Low, TC = 25°C, PLO = 0dBm, PRF = –3dBm (–3dBm/tone for two-tone IIP3 tests,
Δf = 2MHz), IF = 190MHz, unless otherwise noted. Test circuit shown in Figure 1.
RF FREQUENCY (MHz)
1500
0
10
20
30
50
60
40
1700
2100
1900
2300
5592 G15
2500
2700
70
RF-IF
RF-LO
GAIN (dB)
7.5
0
5
10
15
25
20
88.5
5592 G16
9
RF = 2350MHz
85°C
25°C
–40°C
NOISE FIGURE (dB)
7
0
15
10
5
20
25
35
30
810
9
5592 G18
12
11
50
40
45
RF = 2350MHz
85°C
25°C
–40°C
RF INPUT POWER (dBm/TONE)
–12
–80
–70
–50
–60
–40
–30
–20
–10
10
0
–9
–3
0
5592 G10
–6
3
6
20
IFOUT
RF1 = 2349MHz
RF2 = 2351MHz
LO = 2160MHz
IM5
IM3
RF INPUT POWER (dBm)
–12
–80
–70
–60
–40
–30
0
–10
–20
10
–9
–3
5592 G11
–50
–6
03
6
20
IFOUT
(RF = 2350MHz)
LO = 2160MHz
3RF-3LO
(RF = 2223.33MHz)
2RF-2LO
(RF = 2255MHz)
LO INPUT POWER (dBm)
–6
–85
–80
–75
–65
–70
–3
0
5592 G12
3
6
–55
–60
IF = 190MHz
PRF = –10dBm
LO = 2160MHz
3RF-3LO
(RF = 2223.33MHz)
2RF-2LO
(RF = 2255MHz)
IIP3 (dBm)
24.5
0
15
10
5
20
25
35
30
25.5
27.5
26.5
5592 G17
28.5
40
RF = 2350MHz
85°C
25°C
–40°C
RF BLOCKER POWER (dBm)
–20
8
10
12
14
16
22
20
18
–15
–5
–10
0
5592 G13
5
10
24
PLO = –3dBm
PLO = 0dBm
PLO = 3dBm
PLO = 6dBm
RF = 2400MHz
BLOCKER = 2500MHz
LO FREQUENCY (MHz)
1700
–50
–40
–30
–10
–20
1800
2000
1900
2100
5592 G14
2200
2500
2300 2400
0
LO-IF
LO-RF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com