Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505L Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # MICRF505L
Description  850MHz and 950MHz ISM Band Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505L Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button MICRF505L Datasheet HTML 9Page - Micrel Semiconductor MICRF505L Datasheet HTML 10Page - Micrel Semiconductor MICRF505L Datasheet HTML 11Page - Micrel Semiconductor MICRF505L Datasheet HTML 12Page - Micrel Semiconductor MICRF505L Datasheet HTML 13Page - Micrel Semiconductor MICRF505L Datasheet HTML 14Page - Micrel Semiconductor MICRF505L Datasheet HTML 15Page - Micrel Semiconductor MICRF505L Datasheet HTML 16Page - Micrel Semiconductor MICRF505L Datasheet HTML 17Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Micrel
MICRF505BML/YML
August 2006
13
M9999-092904
+1 408-944-0800
Symbol
Parameter
Min.
Typ.
Max.
Units
Tper
Min. period of SCLK
50
ns
Thigh
Min. high time of SCLK
20
ns
Tlow
Min. low time of SCLK
20
ns
tfall
Max. time of falling edge of SCLK
1
µs
trise
Max. time of rising edge of SCLK
1
µs
Tcsr
Max. time of rising edge of CS to falling edge of SCLK
0
ns
Tcsf
Min. delay from rising edge of CS to rising edge of
SCLK
5
ns
Twrite
Min. delay from valid IO to falling edge of SCLK
during a write operation
0
ns
Tread
Min. delay from rising edge of SCLK to valid IO during
a read operation (assuming load capacitance of IO is
25pF)
75
ns
POR
Power on Reset delay from voltage is supplied to he
device until POR completed
4.6
9
ms
Table 6. Timing Specification for the 3-wire Programming Interface
Power on Reset
When applying voltage to the MICRF505 a power
on reset state is entered. During the time period of
power
on
reset,
the
MICRF505
should
be
considered to be in an unknown state and the user
should wait until completed (See Table 6). The
power on reset timing given in table 6 is covering all
conditions and should be treated as a maximum
delay time. In some application it might be beneficial
to minimize the power on reset time. In these cases
we recommend to follow below procedure:
Program
address 0x00
Word:0x03
Read back
programmed
address 0x00
Value=0x03?
End of Power on
Reset
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com