Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF505L Datasheet(PDF) 32 Page - Micrel Semiconductor

Part # MICRF505L
Description  850MHz and 950MHz ISM Band Transceiver
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF505L Datasheet(HTML) 32 Page - Micrel Semiconductor

Back Button MICRF505L Datasheet HTML 28Page - Micrel Semiconductor MICRF505L Datasheet HTML 29Page - Micrel Semiconductor MICRF505L Datasheet HTML 30Page - Micrel Semiconductor MICRF505L Datasheet HTML 31Page - Micrel Semiconductor MICRF505L Datasheet HTML 32Page - Micrel Semiconductor MICRF505L Datasheet HTML 33Page - Micrel Semiconductor MICRF505L Datasheet HTML 34Page - Micrel Semiconductor MICRF505L Datasheet HTML 35Page - Micrel Semiconductor MICRF505L Datasheet HTML 36Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Micrel
MICRF505BML/YML
August 2006
32
M9999-092904
+1 408-944-0800
MICRF505LBML/YML Land pattern
Figure below shows recommended land pattern. Red circles indicate Thermal/RFGND via’s. Recommended size
is 0.300-0.350mm with a pitch of 1mm. The recommended minimum number of via’s are 9 and they should be
directly connected to ground plane providing the best RF ground and thermal performance. For best yield plugged
or open via’s should be used.
D2'
Y
e
X
E2'
SD
SE
d
D2’
E2’
SD
SE
d
e
X
Y
Units
3.4 ±0.02
3.4 ±0.02
4.2 ±0.05
4.2 ±0.05
0.325 ±0.25
0.5
0.23 ±0.02
0.5 ±0.02
mm
Red circle indicates Thermal Via. Size 0.300-0.350mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com