Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112 Datasheet(PDF) 12 Page - Micrel Semiconductor

Part # MICRF112
Description  QwikRadio짰 UHF ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 12 Page - Micrel Semiconductor

Back Button MICRF112 Datasheet HTML 8Page - Micrel Semiconductor MICRF112 Datasheet HTML 9Page - Micrel Semiconductor MICRF112 Datasheet HTML 10Page - Micrel Semiconductor MICRF112 Datasheet HTML 11Page - Micrel Semiconductor MICRF112 Datasheet HTML 12Page - Micrel Semiconductor MICRF112 Datasheet HTML 13Page - Micrel Semiconductor MICRF112 Datasheet HTML 14Page - Micrel Semiconductor MICRF112 Datasheet HTML 15Page - Micrel Semiconductor MICRF112 Datasheet HTML 16Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Micrel, Inc.
MICRF112
December 2011
12
M9999-120911
(408) 944-0800
Functional Diagram
Figure 3. Functional Block Diagram MICRF112 10 Pin ASK / FSK Version
Functional Description
Figure 3 shows a functional block diagram of the
MICRF112 transmitter. The MICRF112 can be best
described as a phase locked transmitter. The system
can be partitioned into six functional blocks; crystal
oscillator, PLL×32, power amplifier, enable control,
under voltage detect and open drain switch for FSK
operation.
Crystal Oscillator
The
reference
oscillator
is
crystal-based
Pierce
configuration. It is designed to accept crystals with
frequency from 9.375MHz to 14.0625MHz.
Crystal Oscillator Parameters for ASK Operation
Figure
4
shows
a
reference
oscillator
circuit
configuration for ASK operation. The reference oscillator
is capable of driving crystals with ESR range from 20Ω
to 300Ω.
When the ESR of crystal is at 20Ω, the crystal parameter
limits are:
ESR 20Ω
CPAR 2 to 10pF
CMO 10 to 40fF
Figure 4. Reference Oscillator ASK Operation
When the ESR of crystal is at 300Ω, the crystal
parameter limits are:
ESR
300Ω
CPAR
2 to 5pF
CMO
10 to 40fF
CLOAD
10 to 30pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com