Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF112 Datasheet(PDF) 19 Page - Micrel Semiconductor

Part # MICRF112
Description  QwikRadio짰 UHF ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF112 Datasheet(HTML) 19 Page - Micrel Semiconductor

Back Button MICRF112 Datasheet HTML 12Page - Micrel Semiconductor MICRF112 Datasheet HTML 13Page - Micrel Semiconductor MICRF112 Datasheet HTML 14Page - Micrel Semiconductor MICRF112 Datasheet HTML 15Page - Micrel Semiconductor MICRF112 Datasheet HTML 16Page - Micrel Semiconductor MICRF112 Datasheet HTML 17Page - Micrel Semiconductor MICRF112 Datasheet HTML 18Page - Micrel Semiconductor MICRF112 Datasheet HTML 19Page - Micrel Semiconductor MICRF112 Datasheet HTML 20Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Micrel, Inc.
MICRF112
December 2011
19
M9999-120911
(408) 944-0800
Tx112-1-315MHz ASK Bill of Materials
Item Quantity
Ref
Part
PCB
Footprint
Mfg P/N
Manufacturer
1
1
C1
10µF
0805
GRM21BR60J106KE01L
muRata
2
1
C2
100pF
0603
GRM1885C1H101JA01D
muRata
3
1
C5
10pF
0603
GRM1885C1H1000JA01D
muRata
4
3
R1,R4,R6
(np)
5
5
C6,C8,C11,C12,C15
(np)
6
1
C7
4.7pF
0603
GRM1885C1H6R8JA01D
muRata
7
1
C10
0.1µF
0603
GRM188F51H104ZA01D
muRata
8
2
C13,C14
18pF
0603
GRM1885C1H180JA01D
muRata
9
2
J1,J2
CON3
TSHR-114-S-02-A-GT
10
1
L1
470nH
0805
0805CS-470XJB
Coilcraft
11
1
L4
150nH
0603
0603CS-R15XJB
Coilcraft
12
1
L5
ANTENNA
ANTENNA LOOP, Part of
PCB
13
1
R2
100kΩ
0603
CRCW0603100KFKEA
Vishay
14
6
R3,R5,R7
R8,JPR1,JPR2
0Ω
0603
CRC06030000Z0EA
Vishay
13
1
U1
MICRF112YMM10
MICRF112YM
Micrel
14
1
Y1
9.84375MHZ
XTAL
SA-9.84375-F-10-C-3-3
HIB
Table 3
FSK Operation
Table 2 and 3 describe the ASK operation for 433.92MHz and 315MHz.
Table 4 lists the component values that change between ASK or FSK operation. Please note that use of a high FSK data
rate may excite parasitic resonant modes with some crystal types. Recommended crystals from Table 2 and 3 are good
for both ASK and FSK.
Mode
R1
R2
R5
R6
JPR1
JPR2
C8
ASK
NP
100kΩ
0Ω
NP
0Ω
NP
NP
FSK
0Ω
NP
NP
100kΩ
NP
0Ω
(1)3.3pF
(2)10pF
Notes:
1. C8 = 3.3pF for 1kHz using HC49/U or HC49US type crystals.
2. C8= 10pF for 10kHz using HC49/U, (high profile) only.
Table 4: ASK and FSK Settings
R3
R4
Constant ON
0Ω
NP
External Standby Control
NP
100kΩ
Table 5: Enable Control (Shutdown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com