Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF102 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MICRF102
Description  QwikRadio??UHF ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF102 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MICRF102 Datasheet HTML 4Page - Micrel Semiconductor MICRF102 Datasheet HTML 5Page - Micrel Semiconductor MICRF102 Datasheet HTML 6Page - Micrel Semiconductor MICRF102 Datasheet HTML 7Page - Micrel Semiconductor MICRF102 Datasheet HTML 8Page - Micrel Semiconductor MICRF102 Datasheet HTML 9Page - Micrel Semiconductor MICRF102 Datasheet HTML 10Page - Micrel Semiconductor MICRF102 Datasheet HTML 11Page - Micrel Semiconductor MICRF102 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
December 2006
9
MICRF102
MICRF102
Micrel
Design Examples
Complete reference designs including gerber files can be
downloaded from Micrel’s website at: www.micrel.com/prod-
uct-info/qwikradio.shtml.
Antenna Characteristics
In this design, the desired loop inductance value is determined
according to the table below.
Freq.
R
XL
Ind
Q
K
(MHz)
(
Ω)
(
Ω)
(nH)
(XL/R)
300
1.7
84.5
44.8
39.72
0.83
315
2.34
89.3
45.1
39.65
0.85
390
3.2
161
47.4
52.00
0.90
434
2.1
136
50.0
78.33
0.96
The reference design, shown in Figure 7, has an antenna
meeting this requirement.
Figure 7. Demo Board PCB.
Loop antennas are often considered highly directional. In
fact small loop antennas can achieve transmit patterns close
in performance to a Dipole antenna. The radiation pattern
below is the theoretical radiation pattern for the antenna, as
shown in Figure 8.
E-total, phi = 0¡
E-total, phi = 90¡
(180-phi) direction
phi direction
30.0
180.0
60.0
120.0
150.0
150.0
120.0
60.0
30.0
0.0
Figure 8. Polar Elevation Pattern at 315MHz.
The 0 degree plot is the radiation pattern in the plane of the
transmitter PCB, the 90 degree plot represents the plane
perpendicular to the PCB. Micrel’s evaluation of the perfor-
mance of the board in Figure 8 indicates an even more uniform
radiation pattern that the theoretical plot shown here.
Supply Bypassing
Supply bypassing consists of three capacitors; C3 = 4.7µF,
C4 = 0.1µFand C5 = 100pF
C4
0.1
µF
16V
C5
100pF
50V
C3
4.7
µF
16V
+5VTX
VDD
VSS
MICRF102
2
3
PC
1
ASK 8
ANTP 7
ANTM 6
SB 5
REFOSC
4
Figure 9. Supply Bypassing
Example to Calculate C
S and CP Antenna Inductance
Calculation
Length_mils = 2815
dmils = 70
k = 0.85
Length
Length_mils 25.4
1000
Length 71.501
=
×
()
=
d
dmils
d
=
×
()
=
25 4
1000
1 778
.
.
L
0.2 Length ln
Length
d
1.6
10
k
L44 10
9
9
=×
×
−
⎛
⎝⎜
⎞
⎠⎟
××
=×
−
−
Where Length and d are in mm and L is in H;
Where k is a constant dependent on PCB material, copper
thickness, etc.
MICRF102 Series Capacitor Calculation:
f = 315
× 106
L = 46
× 10-9
CVAR = 5 × 10-12
CP = 12 × 10-12
C
fL
C
T
T
=
××
×
=×
−
1
4
2 587 10
22
12
ππ
.
C
CC
C
SERIES
TVAR
SERIES
=
−
=×
−
1
11
82 10 12
.
MICRF102 Series Capacitor Calculation:
f = 433.92
× 106
L = 52
× 10-9
CVAR = 5 × 10-12
CP = 2.7 × 10-12
C
fL
C
T
T
=
××
×
=×
−
1
4
2 587 10
22
12
ππ
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com