Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF102 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF102
Description  QwikRadio??UHF ASK Transmitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF102 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF102 Datasheet HTML 1Page - Micrel Semiconductor MICRF102 Datasheet HTML 2Page - Micrel Semiconductor MICRF102 Datasheet HTML 3Page - Micrel Semiconductor MICRF102 Datasheet HTML 4Page - Micrel Semiconductor MICRF102 Datasheet HTML 5Page - Micrel Semiconductor MICRF102 Datasheet HTML 6Page - Micrel Semiconductor MICRF102 Datasheet HTML 7Page - Micrel Semiconductor MICRF102 Datasheet HTML 8Page - Micrel Semiconductor MICRF102 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MICRF102
Micrel
MICRF102
2
December 2006
Pin Description
Pin Number
Pin Name
Pin Function
1
PC
Power Control Input. The voltage at this pin should be set between 0.15V to
0.35V for normal operation.
2
VDD
Positive power supply input for the IC. This pin requires a large capacitor for
ripple decoupling. A 4.7µF is recommended.
3
VSS
This pin is the ground return for the IC. A power supply bypass capacitor
connected from VDD to VSS should have the shortest possible path.
4
REFOSC
This is the timing reference frequency which is the transmit frequency di-
vided by 32. Connect a crystal (mode dependent) between this pin and VSS,
or drive the input with an AC-coupled 0.5VPP input clock. See “Reference
Oscillator”
section in this data sheet. The crystal needs to have a 10pF load
capacitance.
5
STBY
Input for transmitter stand by control pin is pulled to VDD for transmit opera-
tion and VSS for stand-by mode. The device requires 0.0 volts to be placed
in stand by.
6
ANTN
Negative RF power output to drive the low side of the transmit loop antenna.
The RF output stage is tuned in the data transitions in the ASK pin.
7
ANTP
Positive RF power output to drive the high side of the transmit loop antenna.
The RF output stage is tuned in the data transitions in the ASK pin.
8
ASK
Amplitude Shift Key modulation data input pin. For CW operation, connect
this pin to VDD. Several transitions of highs and lows are required to tune the
output RF stages.
Pin Configuration
1
PC
VDD
VSS
REFOSC
8 ASK
ANTP
ANTN
STBY
7
6
5
2
3
4
8-Pin SOIC (M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com