Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio짰 ASK Receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MICRF002 Datasheet HTML 9Page - Micrel Semiconductor MICRF002 Datasheet HTML 10Page - Micrel Semiconductor MICRF002 Datasheet HTML 11Page - Micrel Semiconductor MICRF002 Datasheet HTML 12Page - Micrel Semiconductor MICRF002 Datasheet HTML 13Page - Micrel Semiconductor MICRF002 Datasheet HTML 14Page - Micrel Semiconductor MICRF002 Datasheet HTML 15Page - Micrel Semiconductor MICRF002 Datasheet HTML 16Page - Micrel Semiconductor MICRF002 Datasheet HTML 17Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Micrel, Inc.
MICRF002/RF022
July 2008
15
M9999-070808
PCB Layout Information
The MICRF002 evaluation board was designed and
characterized using two sided 0.031 inch thick FR4
material with 1 ounce copper clad. If another type of printed
circuit board material were to be substituted, impedance
matching and characterization data stated in this document
may not be valid. The gerber files for this board can be
downloaded from the Micrel website at www.micrel.com.
PCB Silk Screen
PCB Component Side Layout
PCB Solder Side Layout
R2
10k
C3(CTH)
0.047µF
C2
0.1µF
C1
4.7µF
C4(CAGC)
4.7µF
Y1
6.7458MHz
MICRF002
REF.OSC.
GND
SHUT
GND
DO
GND
J2
JP2
J5
J4
C5
(Not Placed)
JP3
JP1
+5V
GND
J3
J1
RF INPUT
Z2
Squelch
Resistor
(Not Placed)
5
6
7
8
12
11
10
9
1
2
3
4
16
15
14
13
SEL0
VSSRF
VSSRF
ANT
VDDRF
VDDBB
CTH
NC
SWEN
REFOSC
SEL1
CAGC
WAKEB
SHUT
DO
VSSBB
Z1
R1
Z4
Z3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com