Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF002 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MICRF002
Description  300-440MHz QwikRadio짰 ASK Receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF002 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MICRF002 Datasheet HTML 1Page - Micrel Semiconductor MICRF002 Datasheet HTML 2Page - Micrel Semiconductor MICRF002 Datasheet HTML 3Page - Micrel Semiconductor MICRF002 Datasheet HTML 4Page - Micrel Semiconductor MICRF002 Datasheet HTML 5Page - Micrel Semiconductor MICRF002 Datasheet HTML 6Page - Micrel Semiconductor MICRF002 Datasheet HTML 7Page - Micrel Semiconductor MICRF002 Datasheet HTML 8Page - Micrel Semiconductor MICRF002 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Micrel, Inc.
MICRF002/RF022
July 2008
2
M9999-070808
Typical Application
SEL0
SEL0
SWEN
VSSRF
REFOSC
VSSRF
SEL1
ANT
CAGC
VDDRF
WAKEB
VDDBB
SHUT
CTH
DO
NC
VSSBB
0.047µF
4.8970MHz
Data
Output
MICRF002
4.7µF
+5V
15nH
10pF
68nH
1/4 Wave Monopole
315MHz 800bps On-Off Keyed Receiver
Pin Configuration
1
SEL0
VSSRF
VSSRF
ANT
VDDRF
VDDBB
CTH
NC
16 SWEN
REFOSC
SEL1
CAGC
WAKEB
SHUT
DO
VSSBB
15
14
13
12
11
10
9
2
3
4
5
6
7
8
1
VSSRF
ANT
VDDRF
CTH
8 REFOSC
CAGC
SHUT/WAKEB
DO
7
6
5
2
3
4
16-Pin SOIC (M)
8-Pin SOIC (M)
8-Pin Options
The standard 16-pin package allows complete control of
all configurable features. Some reduced function 8-pin
versions are also available, see “Ordering Information”
on page 1.
For high-volume applications additional customized 8-pin
devices can be produced. SWEN, SEL0 and SEL1 pins
are internally bonded to reduce the pin count; pin 6 may
be configured as either SHUT or WAKEB
Demodulator Bandwidth
SEL0
SEL1
Sweep-Mode
Fixed-Mode
1
1
5000Hz
10000Hz
0
1
2500Hz
5000Hz
1
0
1250Hz
2500Hz
0
0
625Hz
1250Hz
Table 1. Nominal Demodulator Filter Bandwidth vs.
SEL0, SEL1 and Operating Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com