Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC Datasheet(PDF) 1 Page - Tyco Electronics

Part # TSC
Description  Miniature, Sealed PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TSC Datasheet(HTML) 1 Page - Tyco Electronics

  TSC Datasheet HTML 1Page - Tyco Electronics TSC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
316
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• Designed for thermostat, modem, computer peripherals, video
recording and security applications.
• 1 Form C contact arrangement.
• Low coil power requirement for IC compatibility.
• Terminals arrangement on grid pattern.
Contact Data @ 20
°C
Arrangements: 1 Form C (SPDT).
Material: Gold overlay Silver Nickel Alloy.
Max. Switching Rate: 300ops./ min. (no load).
30ops./ min. (rated load).
Expected Mechanical Life: 5 million ops (no load).
Expected Electrical Life: 100,000 ops (rated load).
Minimum Load: 1mA @ 1VDC.
Initial Contact Resistance: 50 milliohms @ 100mA, 6VDC.
Contact Ratings
Ratings: 1A @ 24VDC resistive.
1A @ 120VAC resistive.
Max. Switched Voltage: AC: 120V.
DC: 30V.
Max. Switched Current: 1A.
Max. Switched Power: 120VA, 24W.
Initial Dielectric Strength
Between Open Contacts: 400VAC, 50/60 Hz. (1 min.).
Between Contacts and Coil: 1,000VAC, 50/60 Hz. (1 min.).
Note: Consult factory for higher dielectric version: 1,500VAC, 50/60 Hz.
(1 min.).
Surge Voltage Between Coil and Contacts: 1,500V FCC Part 68
(10/160
µs).
Initial Insulation Resistance
Between Mutually Insulated Conductors: 1,000Mohm @ 500VDCM.
Coil Data
Voltage: 5 to 24VDC.
Duty Cycle: Continuous.
Nominal Power: TSC-L: 150mW.
TSC-D: 300mW.
Max. Coil Power: TSC-L: 140% of nominal at 70
°C.
TSC-D: 115% of nominal at 70
°C.
TSC series
Miniature, Sealed
PC Board Relay
Telecommunications, Appliances, Office Machines
UL File No. E82292
CSA File No. LR48471
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Coil Data @ 20
°C
Operate Data @ 20
°C
Must Operate Voltage: 75% of nominal voltage or less.
Must Release Voltage: 5% of nominal voltage or more.
Operate Time: 5ms max.
Release Time: 5ms max.
Environmental Data
Temperature Range:
Operating: -40
°C to +80°C.
Vibration,Mechanical: 10 to 55Hz., 1.5mm double amplitude.
Operational: 10 to 55Hz., 1.5mm double amplitude.
Shock, Mechanical: 500m/s2 (50G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 45 to 85% RH. (Non-condensing)
Mechanical Data
Termination: Printed circuit terminals.
Enclosure: Plastic sealed case.
Weight: 0.1 oz (3g) approximately.
TSC-D Standard
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
30.0
166
3.75
0.25
6
25.0
240
4.50
0.30
9
16.7
540
6.75
0.45
12
12.5
960
9.00
0.60
24
6.3
3,840
18.00
1.20
TSC-L Sensitive
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
60.0
83
3.75
0.25
6
50.0
120
4.50
0.30
9
33.4
270
6.75
0.45
12
25.0
480
9.00
0.60
24
12.5
1,920
18.00
1.20


Similar Part No. - TSC

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TSC TRUMPOWER-TSC Datasheet
15Kb / 1P
DC/DC CONVERTERS
logo
Automatic Timing & Cont...
TSC ATC-TSC Datasheet
305Kb / 1P
ON-Delay Solid State Output
logo
Novaris
TSC NOVARIS-TSC Datasheet
554Kb / 1P
TSC - Transient Surge Counters
logo
List of Unclassifed Man...
TSC-075S035DT ETC2-TSC-075S035DT Datasheet
660Kb / 3P
Dimmable LED Drivers
TSC-075S035ST ETC2-TSC-075S035ST Datasheet
660Kb / 3P
Dimmable LED Drivers
More results

Similar Description - TSC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ941 ETC-AZ941 Datasheet
54Kb / 2P
MINIATURE PC BOARD RELAY
OUDH ETC1-OUDH Datasheet
34Kb / 2P
10 Amp Miniature, Sealed PC Board Relay
AZ8 ETC1-AZ8 Datasheet
161Kb / 4P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OUAZ-SS-112LM MACOM-OUAZ-SS-112LM Datasheet
79Kb / 2P
Miniature, Sealed PC Board Relay
logo
American Zettler, Inc.
AZ8 AZETTLER-AZ8 Datasheet
158Kb / 4P
MINIATURE PC BOARD RELAY
AZ941 AZETTLER-AZ941 Datasheet
70Kb / 2P
MINIATURE PC BOARD RELAY
AZ946 AZETTLER-AZ946 Datasheet
95Kb / 2P
MINIATURE PC BOARD RELAY
AZ991 AZETTLER-AZ991 Datasheet
85Kb / 2P
MINIATURE PC BOARD RELAY
logo
Tyco Electronics
OUDH-SH-112DM MACOM-OUDH-SH-112DM Datasheet
35Kb / 2P
10 Amp Miniature, Sealed PC Board Relay
logo
ZETTLER Electronics
AZ941 ZETTLER-AZ941 Datasheet
103Kb / 2P
MINIATURE PC BOARD RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com