Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC Datasheet(PDF) 2 Page - Tyco Electronics

Part # TSC
Description  Miniature, Sealed PC Board Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

TSC Datasheet(HTML) 2 Page - Tyco Electronics

  TSC Datasheet HTML 1Page - Tyco Electronics TSC Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
317
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Wiring Diagram (Bottom View)
PC Board Layout (Bottom View)
Load Limit Curve
.300
(7.62)
.2
(5.08)
.1
(2.54)
6 – 0.31 DIA
(.8)
Ambient Temp. & Operate Voltage
.390
± .012
(9.9
± .3)
.484
± .012
(12.3
± .3)
.020
(.5)
.300
(7.62)
.138
(3.5)
.29
± .012
(7.4
± .3)
.056
(1.43)
.012
(.3)
.012
(.3)
.2
(5.08)
.016
(.4)
.016
(.4)
.1
(2.54)
-30
Ambient Temp. ( C)
Contact Current (A)
Coil Power (W)
-10
10
30
50
70
90
50
30
70
90
110
130
150
170
190
210
230
250
270
D type 0.30W
L type 0.15W
Pick-Up Voltage (Cool Coil)
0.2
0.1
0
0
10
20
30
40
50
60
70
80
90
100
0.4
0.3
0.6
0.5
0.8
0.9
0.7
0.1
0
5
10
15
20
25
30
35
40
110
load limit curve
application field
24W
24.0 C
80.0 C
°
°
°
Ordering Information
Outline Dimensions
Reference Data
Coil Temperature Rise
Typical Part Number
B
TSC
-1
05
L
3
H
,000
1. Basic Series:
TSC = Miniature relay
2. Termination:
1 = 1 pole
3. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12= 12VDC
4. Coil Input:
L = Sensitive
D = Standard
5. Contact Material:
3 = Silver Nickel
6. Enclosure:
Blank = Vented (Flux-tight) cover
H = Sealed plastic case
7. Suffix:
,000 = Standard model
Other Suffix = Custom model
TSC-105L3H,000
TSC-112L3H,000
TSC-124L3H,000
TSC-105D3H,000
Our authorized distributors are more likely to stock the following items for immediate delivery.
TSC-112D3H,000
TSC-124D3H,000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com