Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5373 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5373
Description  Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5373 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5373 Datasheet HTML 1Page - Micrel Semiconductor MIC5373 Datasheet HTML 2Page - Micrel Semiconductor MIC5373 Datasheet HTML 3Page - Micrel Semiconductor MIC5373 Datasheet HTML 4Page - Micrel Semiconductor MIC5373 Datasheet HTML 5Page - Micrel Semiconductor MIC5373 Datasheet HTML 6Page - Micrel Semiconductor MIC5373 Datasheet HTML 7Page - Micrel Semiconductor MIC5373 Datasheet HTML 8Page - Micrel Semiconductor MIC5373 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Micrel, Inc.
MIC5373/83
July 2010
3
M9999-070110
Pin Description
Pin Number
Pin Name
Pin Function
1
OUT1
Regulator Output - LDO1.
2
INLDO1/2
Supply Input (LDO1/2).
3
OUT2
Regulator Output – LDO2.
4
BIAS
Internal Bias Supply Voltage. Must be de-coupled to ground with a 0.1µF capacitor.
5
POR_IN
Input to POR. Connect directly to output voltage or input voltage that is to be monitored for a 0.9V
reference, or connect a resistor divider network to this pin to program the POR monitoring voltage.
6
POR
Power-on Reset Output. Open drain.
7
DLY
POR Delay. Connect capacitor to ground to set POR delay time.
8
MR
Manual Reset Input. Manually resets output of POR and delay generator. Do not leave floating.
9
NC
Not internally connected.
10
NC
Not internally connected.
11
INLDO3
Supply Input (LDO3).
12
OUT3
Regulator Output – LDO3.
13
GND
Ground.
14
EN3 or /EN3
LDO3 Enable Input. EN (MIC5373): Active High Input. Logic High = On; Logic Low = Off;
/EN (MIC5383): Active Low Input. Logic High = Off; Logic Low = On; Do not leave floating.
15
EN2 or /EN2
LDO2 Enable Input. EN (MIC5373): Active High Input. Logic High = On; Logic Low = Off;
/EN (MIC5383): Active Low Input. Logic High = Off; Logic Low = On; Do not leave floating.
16
EN1 or /EN1
LDO1 Enable Input. EN (MIC5373): Active High Input. Logic High = On; Logic Low = Off;
/EN (MIC5383): Active Low Input. Logic High = Off; Logic Low = On; Do not leave floating.
HS Pad
EPAD
Exposed Heat Sink Pad. Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com