Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5373 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5373
Description  Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5373 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5373 Datasheet HTML 1Page - Micrel Semiconductor MIC5373 Datasheet HTML 2Page - Micrel Semiconductor MIC5373 Datasheet HTML 3Page - Micrel Semiconductor MIC5373 Datasheet HTML 4Page - Micrel Semiconductor MIC5373 Datasheet HTML 5Page - Micrel Semiconductor MIC5373 Datasheet HTML 6Page - Micrel Semiconductor MIC5373 Datasheet HTML 7Page - Micrel Semiconductor MIC5373 Datasheet HTML 8Page - Micrel Semiconductor MIC5373 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Micrel, Inc.
MIC5373/83
July 2010
4
M9999-070110
Absolute Maximum Ratings(1)
Supply Voltage (VINLDO1/2, INLDO3) ....................... -0.3V to +6V
Bias Supply Voltage (VBIAS).............................. -0.3V to +6V
Enable Input Voltage (VEN1, EN2, EN3).................. -0.3V to +6V
POR Output Voltage (POR) ............................. -0.3V to +6V
POR Input Voltage (POR_IN) .......................... -0.3V to +6V
MR Voltage (MR) ............................................. -0.3V to +6V
DLY Voltage (DLY)........................................... -0.3V to +6V
Power Dissipation .................................. Internally Limited
(2)
Lead Temperature (soldering, 10 sec)....................... 260°C
Storage Temperature (Ts) .........................–60°C to +150°C
ESD Rating
(3)................................................. ESD Sensitive
Operating Ratings(4)
Supply Voltage
(5) (V
INLDO1/2, INLDO3) .................. +1.7V to VBIAS
Bias Supply Voltage (VBIAS).......................... +2.5V to +5.5V
Enable Input Voltage (VEN1, EN2, EN3)..................... 0V to VBIAS
POR Output Voltage (POR) .............................. 0V to +5.5V
POR Input Voltage (POR_IN) ............................. 0V to VBIAS
MR Voltage (MR) ................................................ 0V to VBIAS
DLY Voltage (DLY).............................................. 0V to VBIAS
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
2.5 x 2.5 Thin MLF
®-16L (θJA)..........................100°C/W
Electrical Characteristics(6)
(MIC5373) VIN = VOUT + 1V (VOUT is highest of the three regulator outputs); VBIAS = VEN1 = VEN2 = VEN3 = 5.5V (ON);
(MIC5383) VIN = VOUT + 1V (VOUT is highest of the three regulator outputs); VBIAS = 5.5V; V/EN1 = V/EN2 = V/EN3 = GND (ON);
IOUT1 = IOUT2 = IOUT3 = 100µA; COUT1 = COUT2 = COUT3 = 1µF; TA = 25°C, Bold values indicate –40°C ≤ TJ ≤ +125°C, unless
noted.
Parameter
Conditions
Min
Typ
Max
Units
Variation from nominal VOUT1, 2, 3
-2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT1, 2, 3
-3.0
+3.0
%
Line Regulation
VIN = VOUT +1V to 5.5V; IOUT = 100µA
0.02
0.3
%/V
Load Regulation
IOUT = 100µA to 150mA;
0.3
1
%
IOUT = 50mA; VOUT ≥ 2.8V
60
115
mV
IOUT = 150mA; VOUT ≥ 2.8V
170
330
mV
IOUT = 50mA; VOUT < 2.8V
85
145
mV
Dropout Voltage
IOUT = 150mA; VOUT < 2.8V
275
450
mV
Input Ground Current
EN1 or EN2 or EN3 = ON; Not including IBIAS
10
20
µA
EN1 or EN2 or EN3 = ON;
32
70
µA
Bias Ground Current
EN1 = EN2 = EN3 = ON;
103
160
µA
Shutdown Ground Current
EN1 = EN2 = EN3 = OFF
0.04
2
µA
Shutdown Bias Current
EN1 = EN2 = EN3 = OFF
0.02
2
µA
Ripple Rejection
f = 1kHz; COUT = 1.0µF;
55
dB
Current Limit
VOUT = 0V
200
350
700
mA
Output Voltage Noise
COUT =1µF,10Hz to 100kHz; IOUT = 150mA
200
µVRMS
(MIC5373) LDO OFF; (MIC5383) LDO ON;
0.2
V
Enable Input Voltage
(MIC5373) LDO ON; (MIC5383) LDO OFF;
1.2
V
VIL < 0.2V
0.01
µA
Enable Input Current
VIH > 1.2V
0.01
µA
Turn-on Time
COUT = 1µF
80
200
µs
VPOR
POR Output Low Voltage
0.2
V
DLY Pin Current Source
VDLY = 0V
0.75
1.25
2
µA
DLY Pin Voltage Threshold
1.13
1.25
1.38
V
IPOR
POR Output Leakage Current, VPOR OFF
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com