Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5313 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5313
Description  Low Voltage Dual 300mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5313 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5313 Datasheet HTML 1Page - Micrel Semiconductor MIC5313 Datasheet HTML 2Page - Micrel Semiconductor MIC5313 Datasheet HTML 3Page - Micrel Semiconductor MIC5313 Datasheet HTML 4Page - Micrel Semiconductor MIC5313 Datasheet HTML 5Page - Micrel Semiconductor MIC5313 Datasheet HTML 6Page - Micrel Semiconductor MIC5313 Datasheet HTML 7Page - Micrel Semiconductor MIC5313 Datasheet HTML 8Page - Micrel Semiconductor MIC5313 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5313
Low Voltage Dual 300mA LDO
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2008
M9999-070208-A
General Description
The MIC5313 is a high performance, dual low input
voltage, low dropout regulator. Major features include two
300mA LDOs, input voltage down to 1.7V, ultra low drop
out of 85mV at full load. Each LDO has its own low voltage
input for system flexibility. The low input voltages and low
drop out operation provides high efficiency by reducing the
input to output voltage step which minimizes the regulator
power loss.
Ideal for battery operated applications; the MIC5313 offers
1% accuracy and low ground current to increase light load
efficiency. The MIC5313 can also be put into a zero-off-
mode current state, drawing virtually no current when
disabled.
The MIC5313 is available in fixed output voltages in the
10-pin 2mm x 2mm Thin MLF
® leadless package.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• 300mA output current for each LDO
• Dual low voltage regulator inputs: 1.7V to 5.5V
• Low output voltage range: 0.8V to 2.0V
• Ultra-low dropout voltage of 85mV @ 300mA
• Stable with 1µF ceramic output capacitors
• Very fast transient response
• Thermal shutdown and current limit protection
• Tiny 10-pin 2mm x 2mm Thin MLF® package
Applications
• Mobile Phones
• GPS and Navigation Devices
• Portable Media Players
• Digital still and video cameras
• PDAs
• Portable electronics
___________________________________________________________________________________________________________
Typical Application
VBAT
CBIAS
1µF
VIN1
CBYP
VIN2
EN2
VBIAS
EN1
VOUT2
VOUT1
MIC5313-xxYMT
GND
10nF
1µF
1µF
CIN
1µF
MIC23031-1.8YMT
DC-to-DC
Converter
VI/O
VCORE1
VCORE2
µProcessor


Similar Part No. - MIC5313

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310 MICREL-MIC5310 Datasheet
372Kb / 11P
Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5310-1.5YML MICREL-MIC5310-1.5YML Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8 MICREL-MIC5310-1.8 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-1.8/1.5YML MICREL-MIC5310-1.8/1.5YML Datasheet
372Kb / 11P
Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5313

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
300mA DUAL LOW NOISE CMOS LDO
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
300mA Low Noise Dual LDO
logo
RICOH electronics devic...
R1131D081A RICOH-R1131D081A Datasheet
2Mb / 30P
Low Voltage 300mA LDO REGULATOR
RP150K RICOH-RP150K Datasheet
811Kb / 28P
LOW NOISE Dual 300mA LDO
logo
Micrel Semiconductor
MIC5315 MICREL-MIC5315 Datasheet
338Kb / 13P
Low Voltage Dual 300mA LDO with Voltage Select
MIC5396 MICREL-MIC5396 Datasheet
84Kb / 2P
Low-Power Dual 300mA LDO
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
LOW NOISE Dual 300mA LDO
April 1, 2012
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
LOW NOISE DUAL 300mA LDO
logo
Mitsumi Electronics, Co...
MM334X MITSUMI-MM334X Datasheet
136Kb / 12P
Low-Saturation voltage 300mA LDO
logo
Nisshinbo Micro Devices...
R1131X NISSHINBO-R1131X Datasheet
389Kb / 24P
Low Voltage 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com