Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5313 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5313
Description  Low Voltage Dual 300mA LDO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5313 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5313 Datasheet HTML 1Page - Micrel Semiconductor MIC5313 Datasheet HTML 2Page - Micrel Semiconductor MIC5313 Datasheet HTML 3Page - Micrel Semiconductor MIC5313 Datasheet HTML 4Page - Micrel Semiconductor MIC5313 Datasheet HTML 5Page - Micrel Semiconductor MIC5313 Datasheet HTML 6Page - Micrel Semiconductor MIC5313 Datasheet HTML 7Page - Micrel Semiconductor MIC5313 Datasheet HTML 8Page - Micrel Semiconductor MIC5313 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC5313
July 2008
3
M9999-070208-A
Absolute Maximum Ratings
(1)
Main Input Voltage (VIN1, VIN2)..........................0V to VBIAS
Bias Supply Voltage (VBIAS)...............................0V to +6V
Enable Input Voltage (VEN1, VEN2) ....................0V to VBIAS
Power Dissipation ...............................Internally Limited
(3)
Lead Temperature (soldering, 3sec.)......................260°C
Storage Temperature (Ts) ..................... –65°C to +150°C
ESD Rating
(4)...............................................................2kV
Operating Ratings
(2)
Supply voltage (VIN1, VIN2)...........................+1.7V to VBIAS
Bias Supply Voltage (VBIAS) ........................ 2.5V to +5.5V
Enable Input Voltage (VEN1, VEN2) ................... 0V to VBIAS
Junction Temperature (TJ) .....................–40°C to +125°C
Junction Thermal Resistance
2mm x 2mm Thin MLF-10 (
θJA).............................80°C/W
Electrical Characteristics
(4)
VBIAS = 3.6V; VIN1= VIN2 = VOUT (Highest of two regulators) + 1V; CBIAS=COUT= 1.0µF, CBYP=0.01µF, IOUT = 100µA;
TJ = 25ºC, bold values indicate –40ºC to + 125ºC; unless noted.
Parameter
Condition
Min
Typ
Max
Units
Variation from nominal VOUT1 & VOUT2
–1.0
+1.0
%
Output Voltage Accuracy
Variation from nominal VOUT1 & VOUT2
–2.0
+2.0
%
VIN Line Regulation
VIN = VOUT +1V to 5.5V, VBIAS = 5.5V
0.02
0.3
%/V
VBIAS Line Regulation
VBIAS = 3.6V to 5.5V, VIN = VOUT +1V
0.02
0.3
%/V
Load Regulation
IOUT = 100µA to 300mA
0.4
1.0
%
Dropout Voltage
IOUT = 150mA
IOUT = 300mA
40
85
100
200
mV
mV
Ground Pin Current VIN1,VIN2
VEN1 = High; VEN2 = Low; IOUT1 = 100µA to 300mA
VEN1 = Low; VEN2 = High; IOUT2 = 100µA to 300mA
7
7
12
12
µA
µA
Ground Pin Current VBIAS
IOUT1 = IOUT2 = 100µA to 300mA
30
46
µA
Ground Pin Current in
Shutdown
VEN ≤ 0.2V
0.01
1.0
µA
VIN Ripple Rejection
f = 1kHz; COUT = 1.0µF; CBYP = 0.01µF
f = 20kHz; COUT = 1.0µF; CBYP = 0.01µF
65
40
dB
dB
Current Limit
VOUT = 0V
350
550
mA
Output Voltage Noise
COUT=1µF, CBYP=0.01µF, 10Hz to 100kHz
30
µVRMS
Enable
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.02
1
µA
Enable Input Current
VIH ≥ 1.2V
0.2
1
µA
Turn-on Time
COUT = 1µF; CBYP = 0.01µF
150
300
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com