Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5310-2.7/2.7YML Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5310-2.7/2.7YML
Description  Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5310-2.7/2.7YML Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5310-2.7/2.7YML Datasheet HTML 2Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 3Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 4Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 5Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 6Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 7Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 8Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 9Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
MIC5310
March 2011
6
M9999-032411-
Typical Characteristics
MIC5310 - Output Noise
Spectral Density
0.001
0.01
0.1
1
10
10
100
1,000 10,000 100,00
0
1,000,0
00
10,000,
000
Frequency (Hz)
Vin=Vout+1
Cout=1uF
Cbyp=0.01u
F
V t=3V
Dropout Voltage
0
5
10
15
20
25
30
35
40
0
20
40
60
80
100
120
140
Iout (mA)
Vin=Vout+1
Vout=3V
Cout=1uF
Ground Current vs. Temperature
70
72
74
76
78
80
82
84
86
88
90
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Vin = Vout + 1V
EN1 = Vin, EN2 =
GND
Vout = 3V
Cout = 1 uF
100 uA
50 mA
100 mA
150 mA
Output Voltage
2.7
2.75
2.8
2.85
2.9
2.95
3
3.05
3.1
3.15
3.2
-40
-20
0
20
40
60
80
100
120
Temperature (°C)
Vin = Vout + 1V
Vin = EN1 = EN2
Vout = 3V
I
out = 100 uA
C
out = 1 uF
Output Voltage vs Output
Current
2.7
2.8
2.9
3
3.1
3.2
3.3
0
25
50
75
100
125
150
Output Current (mA)
Vin=Vout+1
Vout=3V
Cout=1uF
•
Dropout Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
01
23
4
5
Input Voltage (V)
6
Cout=1uF
100uA
150mA
Dropout Voltage
0
10
20
30
40
50
-60 -40 -20
0
20
40
60
80
100 120 140
Temperature (°C)
Vout = 3 V
Vin = Vout + 1 V
Vin = EN1 = EN2
Cout = 1 uF
100
mA
50 mA
10mA
100u
A
1
50mA
Ground Current vs Output
Current
70
72
74
76
78
80
82
84
86
88
90
0
25
50
75
100
125
150
Output Current (mA)
Vout=3V
Vin=Vout+1V
Ven1=Ven2=Vin
Cout1=Cout2=1uF
Current Limit vs. Input Voltage
400
420
440
460
480
500
520
540
560
580
600
23
45
Input Voltage (V)
Cout=1uF
Ven=Vin
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com