Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5310-2.7/2.7YML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5310-2.7/2.7YML
Description  Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5310-2.7/2.7YML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5310-2.7/2.7YML Datasheet HTML 3Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 4Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 5Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 6Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 7Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 8Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 9Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 10Page - Micrel Semiconductor MIC5310-2.7/2.7YML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micrel, Inc.
MIC5310
March 2011
10
M9999-032411-C
Package
θJA Recommended
Minimum Footprint
8-Pin 2x2 MLF
®
90°C/W
Thermal Resistance
Substituting PD for PD(max) and solving for the ambient
operating
temperature will
give
the
maximum
operating conditions for the regulator circuit. The
junction-to-ambient
thermal
resistance
for
the
minimum footprint is 90°C/W.
The maximum power dissipation must not be
exceeded for proper operation.
For example, when operating the MIC5310-MFYML at
an input voltage of 3.3V and 150mA loads at each
output with a minimum footprint layout, the maximum
ambient operating temperature TA can be determined
as follows:
0.345W = (125°C – TA)/(90°C/W)
TA = 93.95°C
Therefore, a 2.8V/1.5V application with 150mA at
each output current can accept an ambient operating
temperature of 93.95°C in a 2mm x 2mm MLF
®
package. For a full discussion of heat sinking and
thermal effects on voltage regulators, refer to the
“Regulator Thermals” section of Micrel’s Designing
with Low-Dropout Voltage Regulators
handbook. This
information can be found on Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com