Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5167 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC5167
Description  1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5167 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC5167 Datasheet HTML 1Page - Micrel Semiconductor MIC5167 Datasheet HTML 2Page - Micrel Semiconductor MIC5167 Datasheet HTML 3Page - Micrel Semiconductor MIC5167 Datasheet HTML 4Page - Micrel Semiconductor MIC5167 Datasheet HTML 5Page - Micrel Semiconductor MIC5167 Datasheet HTML 6Page - Micrel Semiconductor MIC5167 Datasheet HTML 7Page - Micrel Semiconductor MIC5167 Datasheet HTML 8Page - Micrel Semiconductor MIC5167 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Micrel, Inc.
MIC5167
January 2012
2
M9999-012312-B
Ordering Information
Part Number
Voltage
Junction Temperature Range
Package
Lead Finish
MIC5167YML
Adjustable
–40°C to +125°C
24-Pin 4x4 MLF
®
Pb-Free
Note:
MLF
® is a GREEN RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
Pin Configuration
24-Pin 4mm x 4mm MLF
® (ML)
Pin Description
Pin Number
Pin Name
Description
1, 6, 13, 18
PVIN
Power Supply Voltage (Input): The PVIN pins are the input supply to the internal P-Channel
Power MOSFET. A 22µF ceramic is recommended for bypassing at each PVIN pin. The SVIN
pin must be connected to the PVIN pin.
2
EN/DLY
Enable/Delay (Input): This pin is internally fed with a 1µA current source from SVIN. A delayed
turn on is implemented by adding a capacitor to this pin. The delay is proportional to the capacitor
value. The internal circuits are held off until EN/DLY reaches the enable threshold of 1.24V. This
pin is pulled low when the input voltage is lower than the UVLO threshold.
3
VDDQ
VDDQ (Input): VDDQ is connected to an internal precession divider which provides the reference
voltage (VREF).
4
VREF
VTT Reference (Output): This output provides an output of the internal reference voltage
VDDQ/2. Connect a 100pF capacitor to ground at this pin.
5
PG
PG (Output): This is an open drain output that indicates when the output voltage is within ±15%
of its nominal voltage. The PG flag is asserted without delay when the enable is set low or when
the output goes outside ±15% the window threshold.
14
FB
Feedback (Input): Input to the error amplifier.
15
COMP
Compensation pin (Input): The MIC5167 uses an internal compensation network containing a
fixed-frequency zero (phase lead response) and pole (phase lag response) which allows the
external compensation network to be much simplified for stability. The addition of a single
capacitor and resistor to the COMP pin will add the necessary pole and zero for voltage mode
loop stability using low value, low-ESR ceramic capacitors.
16
SGND
Signal Ground: Internal signal ground for all low power circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com