Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5167 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5167
Description  1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5167 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5167 Datasheet HTML 1Page - Micrel Semiconductor MIC5167 Datasheet HTML 2Page - Micrel Semiconductor MIC5167 Datasheet HTML 3Page - Micrel Semiconductor MIC5167 Datasheet HTML 4Page - Micrel Semiconductor MIC5167 Datasheet HTML 5Page - Micrel Semiconductor MIC5167 Datasheet HTML 6Page - Micrel Semiconductor MIC5167 Datasheet HTML 7Page - Micrel Semiconductor MIC5167 Datasheet HTML 8Page - Micrel Semiconductor MIC5167 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Micrel, Inc.
MIC5167
January 2012
4
M9999-012312-B
Absolute Maximum Ratings
(1,2)
PVIN to PGND.................................................... –0.3V to 6V
SVIN to PGND..................................................–0.3V to PVIN
VDDQ to PGND .................................................–0.3V to PVIN
VSW to PGND...................................................–0.3V to PVIN
VEN/DLY to PGND ..............................................–0.3V to PVIN
VPG to PGND ...................................................–0.3V to PVIN
PGND to SGND ............................................. –0.3V to 0.3V
Junction Temperature ................................................ 150°C
Storage Temperature Range ....................–65°C to +150°C
Lead Temperature (soldering, 10s)............................ 260°C
Operating Ratings
(3)
Supply Voltage (PVIN,SVIN) .............................. 2.6V to 5.5V
Supply Voltage (VDDQ).......................................0.7V to PVIN
Power-Good (PG) Voltage (VPG)..........................0V to PVIN
Enable Input (VEN/DLY)...........................................0V to PVIN
Junction Temperature (TJ) ..................–40°C ≤ TJ ≤ +125°C
Package Thermal Resistance
4mm x 4mm MLF
®-24 (θJC)................................14°C/W
4mm x 4mm MLF
®-24 (θJA)................................40°C/W
Electrical Characteristics
(4)
SVIN = PVIN = VEN/DLY = 3.3V, VFB = VTT = 0.6V, TA = 25°C, unless noted. Bold values indicate –40°C< TJ < +125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Input Supply
Input Voltage Range (PVIN)
2.6
5.5
V
Undervoltage Lockout (UVLO) Trip
Level
PVIN Rising
2.4
2.5
2.6
V
UVLO Hysteresis
280
mV
Quiescent Supply Current
VFB = 0.9V (not switching)
0.85
1.3
mA
Shutdown Current
VEN/DLY = 0V
5
10
µA
VTT Output
VTT Output Voltage
VDDQ =1.2V
0.588
0.6
0.612
V
Load Regulation
VFB =0.6V, IOUT = -6A to +6A
0.4
%
Line Regulation
VFB = 0.6V; VIN = 2.6 to 5.5V, ILOAD= 100mA
0.2
%
FB Pin Bias Current
VFB = 0.6V
10
nA
Enable Control
EN/DLY Threshold Voltage
1.14
1.24
1.34
V
EN Hysteresis
20
mV
EN/DLY Source Current
VEN/DLY = 0.5V; VIN = 2.9V and VIN = 5.5V
0.7
1.0
1.3
µA
Oscillator
Switching Frequency
IOUT = 0A
0.8
1.0
1.2
MHz
Maximum Duty Cycle
VFB ≤ 0.5V
100
%
Short-Current Protection
Sourcing Current Limit
VFB = 0.5V
6.5
9
14
A
Internal FETs
Top-MOSFET RDS(ON)
VFB = 0.5V, ISW = 1A
30
mΩ
Bottom-MOSFET RDS(ON)
VFB = 0.9V, ISW = -1A
25
mΩ
SW Leakage Current
PVIN = 5.5V, VSW = 5.5V, VEN = 0V
60
VIN Leakage Current
PVIN = 5.5V, VSW = 0V, VEN = 0V
25
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com