Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2772 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2772
Description  Dual Voltage Supervisor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2772 Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC2772 Datasheet HTML 1Page - Micrel Semiconductor MIC2772 Datasheet HTML 2Page - Micrel Semiconductor MIC2772 Datasheet HTML 3Page - Micrel Semiconductor MIC2772 Datasheet HTML 4Page - Micrel Semiconductor MIC2772 Datasheet HTML 5Page - Micrel Semiconductor MIC2772 Datasheet HTML 6Page - Micrel Semiconductor MIC2772 Datasheet HTML 7Page - Micrel Semiconductor MIC2772 Datasheet HTML 8Page - Micrel Semiconductor MIC2772 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Micrel
MIC2772
Functional Block Diagram
+
Reset
Threshold (V)
VCC1 (8)
RESET1 (7)
RESET
GENERATOR
MR1 (1)
GND1 (2)
GND2 (4)
VCC
+
Reset
Threshold (V)
VCC2 (6)
RESET2 (5)
RESET
GENERATOR
MR2 (3)
VCC
MIC2772 Block Diagram
Application Information
Reset Output, /RESET
The /RESET pin is active low (open drain) pin. The
/RESET pin is asserted whenever VCC falls below
the reset threshold voltage or if /MR (manual reset)
is forced low. The /RESET pin remains asserted for
the duration of the threshold timeout period after
VCC has risen above the reset threshold and/or /MR
has returned high. The reset function ensures the
microprocessor is properly reset and power up in a
known condition after a power failure. /RESET will
remain valid with VCC as low as 1.0V.
The /RESET output is a simple open-drain N-
channel MOSFET structure. A pull-up resistor must
be used to pull this output to some voltage.
For
most applications, this voltage will be the same
power supply that supplies VCC to MIC2772. It is
possible however to tie this resistor to some other
voltage. This will allow the MIC2772 to monitor one
voltage while level-shifting the /RESET output to
some other voltage.
The pull-up voltage must be
limited to 6.0V or less (absolute maximum) to avoid
damage to the MIC2772. The resistor must be small
enough to supply current to the inputs and leakage
paths that are driven by the /RESET output.
Manual Reset Input, /MR
The ability to initiate a reset via external logic or a
manual switch is provided in addition to the
MIC2772’s automatic supervisory functions. Driving
the /MR input to a logic low causes an immediate
and unconditional reset to occur. Assuming VCC is
within tolerance when /MR is released (returns high),
the /RESET output will be de-asserted no less than
tRESET later. /MR may be driven by a CMOS or TTL
logic signal, or a mechanical switch.
Typically, a
momentary push-button switch is connected such
that /MR is shorted to ground when the switch
contacts close.
Switch de-bouncing is performed
internally; the switch may be connected directly
between /MR and GND. /MR has an internal 20k
Ω
pull-up resistor (typical) to VCC and may be left
open if unused.
April 2005
6
M9999-042605
(408) 955-1690



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com