Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2772 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2772
Description  Dual Voltage Supervisor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2772 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2772 Datasheet HTML 1Page - Micrel Semiconductor MIC2772 Datasheet HTML 2Page - Micrel Semiconductor MIC2772 Datasheet HTML 3Page - Micrel Semiconductor MIC2772 Datasheet HTML 4Page - Micrel Semiconductor MIC2772 Datasheet HTML 5Page - Micrel Semiconductor MIC2772 Datasheet HTML 6Page - Micrel Semiconductor MIC2772 Datasheet HTML 7Page - Micrel Semiconductor MIC2772 Datasheet HTML 8Page - Micrel Semiconductor MIC2772 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Micrel
MIC2772
Ordering Information
Part Number
Top Mark
Supervisor 1
Supervisor 2
Standard
Pb-Free
Standard
Pb-Free
VTH (V)
tRESET
(ms)
VTH (V)
tRESET
(ms)
MIC2772-L2L3YML
(2)
UP0
4.63
20
4.63
140
MIC2772-M2M3YML
(2)
UP1
4.38
20
4.38
140
MIC2772-L3L3BML
(1)
MIC2772-L3L3YML
(1)
UP2
UP2
4.63
140
4.63
140
MIC2772-M3M3BML
(1)
MIC2772-M3M3YML
(1)
UP3
UP3
4.38
140
4.38
140
MIC2772-T3T3BML
(1)
MIC2772-T3T3YML
(1)
UP4
UP4
3.08
140
3.08
140
MIC2772-S3S3BML
(1)
MIC2772-S3S3YML
(1)
UP5
UP5
2.93
140
2.93
140
MIC2772-T2T3YML
(2)
UP6
3.08
20
3.08
140
MIC2772-S2S3YML
(2)
UP7
2.93
20
2.93
140
MIC2772-L3T3YML
(2)
UP8
4.63
140
3.08
140
MIC2772-M3S3YML
(2)
UP9
4.38
140
2.93
140
Note
:
1.
Available now.
2.
Contact factory.
Pin Configuration
1
MR1
GND1
MR2
GND2
8
VCC1
RESET1
VCC2
RESET2
7
6
5
2
3
4
8-lead 2mm X 2mm MLF(ML)
April 2005
2
M9999-042605
(408) 955-1690



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com