Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2213-JSYML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC2213-JSYML
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213-JSYML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC2213-JSYML Datasheet HTML 3Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 4Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 5Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 6Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 7Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 8Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 9Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 10Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MIC2213
Micrel, Inc.
M9999-101705
10
October 2005
Input Capacitor
Good bypassing is recommended from input to ground to
help improve AC performance. A 1µF capacitor or greater
located close to the IC is recommended.
Bypass Capacitor
The internal reference voltage of the MIC2213 can be by-
passed with a capacitor to ground to reduce output noise and
increase power supply rejection (PSRR).Aquick-start feature
allows for quick turn-on of the output voltage regardless of
the size of the capacitor. The recommended nominal bypass
capacitor is 0.01µF, but it can be increased without limit.
Output Capacitor
Each regulator output requires a 1µF ceramic output capaci-
tor for stability. The output capacitor value can be increased
to improve transient response, but performance has been
optimized for a 1µF ceramic type output capacitor.
X7R/X5R dielectric-type ceramic capacitors are recom-
mendedbecauseoftheirtemperatureperformance.X7R-type
capacitors change capacitance by 15% over their operating
temperature range and are the most stable type of ceramic
capacitors. Z5U and Y5V dielectric capacitors change value
by as much as 50% and 60% respectively over their operat-
ing temperature ranges. To use a ceramic chip capacitor with
Y5V dielectric, the value must be much higher than a X7R
ceramic capacitor to ensure the same minimum capacitance
over the equivalent operating temperature range.
Adjustable Regulator Design
VOUT1
ADJ1
R1
R2
ADJ2
VOUT2
R2
R1
GND
MIC2213 Adjustable Regulator Design
The MIC2213 allows the programming of the output voltages
1 and 2 anywhere between 1.25V and 5.5V, the maximum
operatingratingofthepart.Tworesistorsarerequiredforeach
output. Appropriate resistor values are required to prevent
the low quiescent current performance being compromised.
Resistor values recommended are between 100kΩ and
500kΩ.
The resistor values are calculated by:
R1 = R2
1.250
– 1
VOUT
where VOUT is the desired output voltage. Calculate sepa-
rately for each output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com