Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2213-JSYML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2213-JSYML
Description  Sequenced Portable Power Management IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2213-JSYML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2213-JSYML Datasheet HTML 1Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 2Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 3Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 4Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 5Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 6Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 7Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 8Page - Micrel Semiconductor MIC2213-JSYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MIC2213
Micrel, Inc.
M9999-101705
4
October 2005
Electrical Characteristics (Note 4)
VIN = VOUT +1.0V for higher output of the regulator pair; COUT = 1.0µF, IOUT = 100µA; TJ = 25°C, bold values indicate
–40°C ≤ TJ ≤ +125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal VOUT
–1.0
+1.0
%
–2.0
+2.0
%
Output Voltage Temp. Coefficient
40
ppm/C
Line Regulation;
Note 5
VIN = VOUT +1V to 5.5V
–0.3
0.02
0.3
%/V
–0.6
0.6
Load Regulation
IOUT = 100µA to 150mA (Regulator 1 and 2)
0.2
1.0
%
IOUT = 100µA to 300mA (Regulator 2)
1.5
%
Dropout Voltage;
Note 6
IOUT = 150mA (Regulator 1 and 2)
120
190
mV
250
mV
IOUT = 300mA (Regulator 2)
240
340
mV
420
Ground Pin Current
IOUT1 = IOUT2 = 0µA
48
65
µA
80
µA
IOUT1 = 150mA & IOUT2 = 300mA
60
µA
Ground Pin Current in Shutdown
VEN ≤ 0.4V
1.0
µA
Ripple Rejection
f = 1kHz; COUT = 1.0µF ceramic; CBYP = 10nF
60
dB
f = 20kHz; COUT = 1.0µF ceramic; CBYP = 10nF
40
dB
Current Limit
VOUT = 0V (Regulator 1)
150
280
460
mA
VOUT = 0V (Regulator 2)
300
450
700
mA
TDELAY; Note 7
Sequenced delay time
70
µs
Output Voltage Noise
COUT =1µF, CBYP =0.01µF, 10Hz to 100kHz
30
µVrms
Enable Input
Enable Input Voltage
Logic Low (Regulator Shutdown)
0.6
V
Logic High (Regulator Enabled)
1.8
V
Enable Input Current
VIL < 0.6V (Regulator Shutdown)
–1
0.01
+1
µA
VIH > 1.8V (Regulator Enabled)
–1
0.01
+1
µA
POR Output
VTH
Low Threshold, % of nominal VOUT2 (Flag ON)
90
%
High Threshold, % of nominal VOUT2 (Flag OFF)
96
%
VOL
POR Output Logic Low Voltage; IL = 250µA
0.02
0.1
V
IPOR
Flag Leakage Current, Flag OFF
–1
0.01
+1
µA
Absolute Maximum Rating (Note 1)
Supply Input Voltage (VIN)......................................0V to 7V
Enable Input Voltage (VEN) ....................................0V to 7V
Power Dissipation (PD)................ Internally Limited, Note 3
Junction Temperature............................... –40°C to +125°C
Storage Temperature (TS) .......................... –65°C to 150°C
Open-Drain Output (DRV) ........................................ 250mA
Lead Temperature (soldering, 5 sec.)........................ 260°C
Operating Ratings (Note 2)
Supply Input Voltage (VIN)..............................2.25V to 5.5V
Enable Input Voltage (VEN) ...................................0V to Vin
Junction Temperature (TJ)........................ –40°C to +125°C
Package Thermal Resistance
MLF™-10 (θJA) 1" square 2 oz. copper...............60°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com