Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2012PCM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2012PCM
Description  USB Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012PCM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2012PCM Datasheet HTML 4Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 5Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 6Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 7Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 8Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 9Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 10Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 11Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MIC2012
Micrel
MIC2012/2072
8
January 2005
Typical Characteristics
0
5
10
15
20
25
30
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Main Supply Current
vs. Temperature
(Main 1 and Main 2 = ON)
I
OUT = 0µA
5.5V
MAIN
5.0 V
MAIN
4.5 V
MAIN
V
MAIN
= 4.5, 5.0, 5.5V
EN1 = EN2
= [ON],V
AUX
= S3# = 5.0V
0
0.025
0.05
0.075
0.1
0.125
0.15
0.175
0.2
0.225
0.25
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Main Supply Current
vs. Temperature
(Main 1 and Main 2 = OFF)
I
OUT = 0µA
5.5V
MAIN
5.0 V
MAIN
4.5 V
MAIN
V
MAIN
= 4.5, 5.0, 5.5V
EN1 = EN2
= [OFF],V
AUX
= S3# = 5.0V
1.00
1.05
1.10
1.15
1.20
1.25
1.30
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Main Short-Circuit Current-Limit
vs. Temperature
5.0V
AUX
4.5V
AUX
5.5V
AUX
V
MAIN
= 5.0V
V
AUX
= S3# = 4.5, 5.0, 5.5V
1.10
1.15
1.20
1.25
1.30
1.35
1.40
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Main Short-Circuit
Current-Limit Threshold
vs. Temperature
5.5V
AUX
V
MAIN
= 5.0V
V
AUX
= S3# = 4.5, 5.0, 5.5V
5.0V
AUX
4.5V
AUX
200
400
600
800
1000
1200
1400
1600
1800
2000
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Main Rise-Time
vs. Temperature
(EN Toggled)
R
L = 10Ω
C
L = 1µF
4.5V
AUX
5.0 V
AUX
5.5 V
AUX
V
MAIN
= 5.0V
V
AUX
= S3# = 4.5, 5.0, 5.5V
100
200
300
400
500
600
700
800
900
1000
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
AUX Supply Current
vs. Temperature
(AUX 1 and AUX 2 = ON)
I
OUT = 0µA
EN1 = EN2 = [ON]
5.5V
AUX
5.0 V
AUX
4.5 V
AUX
V
AUX = 4.5, 5.0, 5.5V
V
MAIN = S3# = 0V
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
AUX Supply Current
vs. Temperature
(AUX 1 and AUX 2 = OFF)
IOUT = 0µA
EN1 = EN2 = [OFF]
5.5V
AUX
5.0 V
AUX
4.5 V
AUX
V
AUX
= 4.5, 5.0, 5.5V
V
MAIN
= S3# = 0V
1.2
1.4
1.6
1.8
2.0
2.2
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Enable Threshold
(increasing)
vs. Temperature
(MIC2012-1/-2)
5.5V
AUX
5.0 V
AUX
4.5 V
AUX
V
AUX = 4.5, 5.0, 5.5V
V
MAIN = S3# = 5.0V
1.0
1.2
1.4
1.6
1.8
2.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Enable Threshold
(decreasing)
vs. Temperature
(MIC2012-1/-2)
5.5V
AUX
5.0 V
AUX
4.5 V
AUX
V
AUX = 4.5, 5.0, 5.5V
V
MAIN = S3# = 5.0V
1.2
1.4
1.6
1.8
2.0
2.2
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Enable Threshold
(increasing)
vs. Temperature
(MIC2012-1/-2)
5.0V
MAIN
V
AUX = S3# = 5.0V
V
MAIN = 4.5V to 5.5V
5.5V
MAIN
4.5V
MAIN
1.0
1.2
1.4
1.6
1.8
2.0
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Enable Threshold
(decreasing)
vs. Temperature
(MIC2012-1/-2)
5.0V
MAIN
V
AUX = S3# = 5.0V
V
MAIN = 4.5V to 5.5V
5.5V
MAIN
4.5V
MAIN
200
400
600
800
1000
1200
1400
1600
1800
-40 -20
0
20
40
60
80 100
TEMPERATURE (°C)
Pull-Up Current
vs. Temperature
(Output Latched Off–MIC2072)
5.5V
AUX
V
AUX = S3# = 4.5, 5.0, 5.5V
V
MAIN = 5.0 V
5.0V
AUX
4.5V
AUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com