Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2012PCM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2012PCM
Description  USB Power Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2012PCM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2012PCM Datasheet HTML 1Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 2Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 3Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 4Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 5Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 6Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 7Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 8Page - Micrel Semiconductor MIC2012PCM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
January 2005
1
MIC2012/2072
MIC2012
Micrel
MIC2012/MIC2072
USB Power Controller
General Description
The MIC2012 is a dual channel USB power switch designed to
support the power distribution requirements for USB Wakeup
from the ACPI S3 state. The MIC2012 will directly switch its
two outputs between a 5V main supply and a 5V auxiliary
supply normally provided in ATX style power supplies.
The MIC2012 will adjust its current-limit threshold according
to the ACPI state it is in. In the normal active S0 state the cur-
rent-limit is set at 500mA minimum per channel satisfying the
USB continuous output current specification. In the S3 state
the current-limit can be reduced to only 100mA per channel
to minimize the current that is supplied by the auxiliary supply
thereby ensuring that voltage regulation is maintained even
during fault conditions.
The MIC2012 provides make-before-break switching to ensure
glitch-free transitions between the S3 and S0 states. Each
channel is also thermally isolated from the other so that a
fault in one channel does not effect the other. FAULT status
output signals are also provided indicating overcurrent and
thermal shutdown conditions.
The MIC2072 option latches the output off upon detecting
an overcurrent condition for more than 5ms minimum. The
output can be reset by either toggling the EN inputs of the
MIC2072-1, -2 or by removing the load. Latching the output
off provides a circuit breaker mode of operation which reduces
power consumption during fault conditions.
Typical Application
MIC2012P
VBUS
D+
D–
GND
MAIN
AUX
OUT1
Downstream
USB
Port 1
100F
5V MAIN
ATX Power Supply
S3#
FAULT1#
FAULT2#
VBUS
D+
D–
GND
Downstream
USB
Port 2
OUT2
GND
5V STANDBY
82801AA or Equivalent
SLP S3#
SLP S5#
OC0
OC1
Overcurrent Port 1
S3 Control
Overcurrent Port 1
100F
Figure 1. USB Wakeup with Control Input
Features
• Compliant to USB power distribution specifications
• UL Recognized Component
• Two completely independent switches
• Integrated switching matrix supports ACPI S0/S3 state
transitions without external FET circuits
• Make-before-break switching ensures glitch-free
transitions
• No back-feed of auxiliary supply onto main supply dur-
ing standby mode
• Bi-level current-limit preserves auxiliary supply voltage
regulation in standby mode
• Thermally isolated channels
• Thermal shutdown protection
• Fault status outputs with filter prevents false assertions
during hot-plug events
• Latched thermal shutdown options with auto-reset
(MIC2072)
• Undervoltage lockout
Applications
• Desktop PCs
• Notebook PCs
• Notebook Docking stations
• LAN Servers
• PC Motherboards
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
UL Recognized Component


Similar Part No. - MIC2012PCM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2012PCM MICREL-MIC2012PCM Datasheet
695Kb / 16P
USB Power Controller
More results

Similar Description - MIC2012PCM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2010 MICREL-MIC2010 Datasheet
51Kb / 9P
USB Power Controller Advance Information
MIC2010 MICREL-MIC2010_05 Datasheet
1,020Kb / 13P
USB Power Controller
MIC2012 MICREL-MIC2012_05 Datasheet
695Kb / 16P
USB Power Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
USB Port Power Supply Controller
logo
Microchip Technology
UPD1001 MICROCHIP-UPD1001 Datasheet
478Kb / 42P
USB Power Delivery Controller
03/25/14
UPD1002 MICROCHIP-UPD1002 Datasheet
490Kb / 46P
USB Power Delivery Controller
03/25/14
logo
Dialog Semiconductor
IW656P DIALOG-IW656P Datasheet
553Kb / 8P
USB Power Delivery 3.0 Controller
logo
SHENZHEN FUMAN ELECTRON...
XPD545 FUMAN-XPD545 Datasheet
820Kb / 11P
USB Power Delivery Controller
XPD618A FUMAN-XPD618A Datasheet
659Kb / 7P
USB Power Delivery Controller
XPD636A FUMAN-XPD636A Datasheet
683Kb / 7P
USB Power Delivery Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com