Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1646 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 2SA1646
Description  Silicon Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1646 Datasheet(HTML) 1 Page - Renesas Technology Corp

  2SA1646 Datasheet HTML 1Page - Renesas Technology Corp 2SA1646 Datasheet HTML 2Page - Renesas Technology Corp 2SA1646 Datasheet HTML 3Page - Renesas Technology Corp 2SA1646 Datasheet HTML 4Page - Renesas Technology Corp 2SA1646 Datasheet HTML 5Page - Renesas Technology Corp 2SA1646 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R07DS0048EJ0200 Rev.2.00
Page 1 of 4
Jul 01, 2010
Preliminary Data Sheet
2SA1646,2SA1646-Z
Silicon Power Transistor
Description
The 2SA1646 is a mold power transistor developed for high-speed switching and features a very low collector-to-
emitter saturation voltage. This transistor is ideal for use in switching power supplies, DC/DC converters, motor drivers,
solenoid drivers, and other low-voltage power supply devices, as well as for high-current switching.
Features
• Fast switching speed
• Low collector-to-emitter saturation voltage:
⎯ VCE(sat) = −0.3 V MAX. @IC = −6 A
Absolute Maximum Ratings (Ta = 25
°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
−150
V
Collector to emitter voltage
VCEO
−100
V
Emitter to base voltage
VEBO
−7.0
V
Collector current
ID(DC)
−10
A
Collector current
IC(pulse)
PW
≤ 300
μs, duty cycle ≤ 10%
−20
A
Base current
IB(DC)
−6.0
A
Total power dissipation
PT
Tc = 25
°C
40
W
Total power dissipation
PT
Ta = 25
°C
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Package Drawing (Unit: mm)
?
?
?
Electrode Connection
?
?
R07DS0048EJ0200
Rev.2.00
Jul 01, 2010


Similar Part No. - 2SA1646

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1646 NEC-2SA1646 Datasheet
139Kb / 6P
PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING
logo
Inchange Semiconductor ...
2SA1646 ISC-2SA1646 Datasheet
119Kb / 2P
isc Silicon PNP Power Transistor
logo
Savantic, Inc.
2SA1646 SAVANTIC-2SA1646 Datasheet
104Kb / 3P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1646 JMNIC-2SA1646 Datasheet
167Kb / 3P
Silicon PNP Power Transistors
2SA1646 JMNIC-2SA1646 Datasheet
167Kb / 3P
Silicon PNP Power Transistors
More results

Similar Description - 2SA1646

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
Silicon Power Transistor
logo
Comset Semiconductor
BDT82 COMSET-BDT82 Datasheet
359Kb / 3P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
SILICON POWER TRANSISTOR
2SA1412-Z RENESAS-2SA1412-Z Datasheet
785Kb / 6P
SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
SILICON POWER TRANSISTOR
logo
Comset Semiconductor
2N3441 COMSET-2N3441 Datasheet
98Kb / 2P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
SILICON POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com