Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1646 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 2SA1646
Description  Silicon Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1646 Datasheet(HTML) 2 Page - Renesas Technology Corp

  2SA1646 Datasheet HTML 1Page - Renesas Technology Corp 2SA1646 Datasheet HTML 2Page - Renesas Technology Corp 2SA1646 Datasheet HTML 3Page - Renesas Technology Corp 2SA1646 Datasheet HTML 4Page - Renesas Technology Corp 2SA1646 Datasheet HTML 5Page - Renesas Technology Corp 2SA1646 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA1646,2SA1646-Z
Chapter Title
R07DS0048EJ0200 Rev.2.00
Page 2 of 4
Jul 01, 2010
Electrical Characteristics (Ta = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector cutoff current
ICBO
VCB =
−100 V, IE = 0 A
−10
μA
Emitter cutoff current
IEBO
VEB =
−5 V, IC = 0 A
−10
μA
DC current gain
hFE1*
1
VCE =
−2 V, IC = −0.5 A
100
−
DC current gain
hFE2*
1
VCE =
−2 V, IC = −2 A
100
400
−
DC current gain
hFE3*
1
VCE =
−2 V, IC = −6 A
60
−
Collector saturation voltage
VCE(sat)1*
1
IC =
−6 A, IB = −0.3 A
−0.3
V
Collector saturation voltage
VCE(sat)2*
1
IC =
−8 A, IB = −0.4 A
−0.5
V
Base saturation voltage
VBE(sat)1*
1
IC =
−6 A, IB = −0.3 A
−1.2
V
Base saturation voltage
VBE(sat)2
*1
IC =
−8 A, IB = −0.4 A
−1.5
V
Gain bandwidth product
fT
VCE =
−10 V, IC = −0.5 A
150
MHz
Collector capacitance
Cob
VCB =
−10 V, IE = 0 A, f = 1 MHz
250
pF
Turn-on time
ton
0.3
μs
Storage time
tstg
1.5
μs
Fall time
tf
IC =
−6 A, IB1 = −IB2 = −0.3 A,
RL = 8.3
Ω, VCC = −50 V
Refer to the test circuit.
0.4
μs
Note: *1.Pulse test PW
≤ 350
μs, Duty Cycle ≤ 2%
hFE Classification
Marking
M
L
K
hFE2
100 to 200
150 to 300
200 to 400
Switching Time Test Circuit
Base current
waveform
Collector current
waveform



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com