Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5321
Description  Dual, High Performance 150mA 關Cap ULDO?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5321 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5321 Datasheet HTML 1Page - Micrel Semiconductor MIC5321 Datasheet HTML 2Page - Micrel Semiconductor MIC5321 Datasheet HTML 3Page - Micrel Semiconductor MIC5321 Datasheet HTML 4Page - Micrel Semiconductor MIC5321 Datasheet HTML 5Page - Micrel Semiconductor MIC5321 Datasheet HTML 6Page - Micrel Semiconductor MIC5321 Datasheet HTML 7Page - Micrel Semiconductor MIC5321 Datasheet HTML 8Page - Micrel Semiconductor MIC5321 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC5321
May 2008
3
M9999-051508-E
Part number
Manufacturing
Part Number
Marking*
Voltage**
Junction
Temp. Range
Package
MIC5321-1.8/1.5YD6
MIC5321-GFYD6
QBGF
1.8V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-1.8/1.8YD6
MIC5321-GGYD6
QBGG
1.8V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-1.8/1.6YD6
MIC5321-GWYD6***
QBGW
1.8V/1.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.5/1.8YD6
MIC5321-JGYD6***
QBJG
2.5V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.5/2.5YD6
MIC5321-JJYD6***
QBJJ
2.5V/2.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.6/1.85YD6
MIC5321-KDYD6***
QBKD
2.6V/1.85
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.6/1.8YD6
MIC5321-KGYD6***
QBKG
2.6V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.7/2.7YD6
MIC5321-LLYD6
QBLL
2.7V/2.7V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.8/1.5YD6
MIC5321-MFYD6
QBMF
2.8V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.8/1.8YD6
MIC5321-MGYD6
QBMG
2.8V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.8/2.6YD6
MIC5321-MKYD6
QBMK
2.8V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.8/2.8YD6
MIC5321-MMYD6
QBMM
2.8V/2.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.85/1.85YD6
MIC5321-NDYD6***
QBND
2.85V/1.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.85/2.6YD6
MIC5321-NKYD6***
QBNK
2.85V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.85/2.85YD6
MIC5321-NNYD6***
QBNN
2.85V/2.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.9/1.5YD6
MIC5321-OFYD6***
QBOF
2.9V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.9/1.8YD6
MIC5321-OGYD6***
QBOG
2.9V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.9/2.9YD6
MIC5321-OOYD6***
QBOO
2.9V/2.9V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/1.8YD6
MIC5321-PGYD6
QBPG
3.0V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/2.5YD6
MIC5321-PJYD6***
QBPJ
3.0V/2.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/2.6YD6
MIC5321-PKYD6***
QBPK
3.0V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/2.8YD6
MIC5321-PMYD6***
QBPM
3.0V/2.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/2.85YD6
MIC5321-PNYD6***
QBPN
3.0V/2.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/3.0YD6
MIC5321-PPYD6
QBPP
3.0V/3.0V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/1.5YD6
MIC5321-SFYD6***
QBSF
3.3V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/1.8YD6
MIC5321-SGYD6***
QBSG
3.3V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.5YD6
MIC5321-SJYD6
QBSJ
3.3V/2.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.6YD6
MIC5321-SKYD6***
QBSK
3.3V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.7YD6
MIC5321-SLYD6***
QBSL
3.3V/2.7V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.8YD6
MIC5321-SMYD6***
QBSM
3.3V/2.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.85YD6
MIC5321-SNYD6***
QBSN
3.3V/2.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.9YD6
MIC5321-SOYD6***
QBSO
3.3V/2.9V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/3.0YD6
MIC5321-SPYD6***
QBSP
3.3V/3.0V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/3.2YD6
MIC5321-SRYD6***
QBSR
3.3V/3.2V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/3.3YD6
MIC5321-SSYD6
QBSS
3.3V/3.3V
–40°C to +125°C
6-Pin TSOT-23
Notes
* Under bar ( _ )/Over bar ( ¯ ) symbol may not be to scale. Thin MLF (MT) package Pin 1 identified = ▲.
** For other voltages available. Contact Micrel for more details.
*** Contact Micrel Marketing for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com