Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC5321 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5321
Description  Dual, High Performance 150mA 關Cap ULDO?
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5321 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5321 Datasheet HTML 1Page - Micrel Semiconductor MIC5321 Datasheet HTML 2Page - Micrel Semiconductor MIC5321 Datasheet HTML 3Page - Micrel Semiconductor MIC5321 Datasheet HTML 4Page - Micrel Semiconductor MIC5321 Datasheet HTML 5Page - Micrel Semiconductor MIC5321 Datasheet HTML 6Page - Micrel Semiconductor MIC5321 Datasheet HTML 7Page - Micrel Semiconductor MIC5321 Datasheet HTML 8Page - Micrel Semiconductor MIC5321 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC5321
May 2008
4
M9999-051508-E
Pin Configuration
1
VIN
GND
BYP
6
VOUT1
VOUT2
EN
5
4
2
3
VIN
GND
VOUT1
EN
BYP
3
1
6
2
45
VOUT2
6-Pin 1.6mm x 1.6mm Thin MLF (MT) / MLF (ML)
Top View
TSOT-23-6 (D6)
Top View
Pin Description
Pin Number
Thin MLF-6 /
MLF-6
Pin Number
TSOT-23-6
Pin Name
Pin Function
1
3
VIN
Supply Input.
2
2
GND
Ground
3
1
BYP
Reference Bypass: Connect external 0.01µF to GND to reduce output noise.
May be left open.
4
6
EN
Enable Input (both regulators): Active High Input. Logic High = On; Logic
Low = Off; Do not leave floating.
5
5
VOUT2
Regulator Output – LDO2
6
4
VOUT1
Regulator Output – LDO1
HS Pad
–
EPAD
Exposed heatsink pad connected to ground internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com