Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 35Page - NXP Semiconductors CLRC663 Datasheet HTML 36Page - NXP Semiconductors CLRC663 Datasheet HTML 37Page - NXP Semiconductors CLRC663 Datasheet HTML 38Page - NXP Semiconductors CLRC663 Datasheet HTML 39Page - NXP Semiconductors CLRC663 Datasheet HTML 40Page - NXP Semiconductors CLRC663 Datasheet HTML 41Page - NXP Semiconductors CLRC663 Datasheet HTML 42Page - NXP Semiconductors CLRC663 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
39 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
Note: When VDD(TVDD) < 5 V it is not recommended to use a residual carrier < 50 %
8.6.2.1
Overshoot protection
The CLRC663 provides an overshoot protection for 100% ASK to avoid overshoots during
a PCD communication. Therefore two timers overshoot_t1 and overshoot_t2 can be used.
During the timer overshoot_t1 runs an amplitude defined by set_cw_amplitude bits is
provided to the output driver. Followed by an amplitude denoted by set_residual_carrier
bits with the duration of overshoot_t2.
23
65
21.2
24
60
25.0
25
55
29.0
26
50
33.3
27
45
37.9
28
40
42.9
29
35
48.1
30
30
53.8
31
25
60.0
Table 28.
Setting residual carrier …continuedand modulation index by
set_residual_carrier (decimal) residual carrier [%]
modulation index [%]
Fig 26. Example 1: overshoot_t1 = 2d; overhoot_t2 = 5d.
001aan356
2.50
3.03
3.56
4.10
time (μs)
7.0
5.0
(V)
3.0
1.0
-1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com