Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # CLRC663
Description  Contactless reader IC
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CLRC663 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button CLRC663 Datasheet HTML 9Page - NXP Semiconductors CLRC663 Datasheet HTML 10Page - NXP Semiconductors CLRC663 Datasheet HTML 11Page - NXP Semiconductors CLRC663 Datasheet HTML 12Page - NXP Semiconductors CLRC663 Datasheet HTML 13Page - NXP Semiconductors CLRC663 Datasheet HTML 14Page - NXP Semiconductors CLRC663 Datasheet HTML 15Page - NXP Semiconductors CLRC663 Datasheet HTML 16Page - NXP Semiconductors CLRC663 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 132 page
background image
CLRC663
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.3 — 3 April 2012
171133
13 of 132
NXP Semiconductors
CLRC663
Contactless reader IC
8.3.2 ISO/IEC14443B functionality
The physical level of the communication is shown in Figure 7.
The physical parameters are described in Table 6.
The CLRC663 connected to a host is required to manage the complete ISO/IEC 14443 B
protocol. The following Figure 8 “SOF and EOF according to ISO/IEC 14443 B” shows the
ISO/IEC 14443B SOF and EOF.
(1) Reader to Card NRZ, Miller coded, transfer speed 106 kbit/s to 848 kbit/s
(2) Card to reader, Subcarrier Load Modulation Manchester Coded or BPSK, transfer speed 106 kbit/s
to 848 kbit/s
Fig 7.
ISO/IEC 14443 A/MIFARE read/write mode communication diagram
(1)
(2)
001aal997
ISO/IEC 14443 B CARD
ISO/IEC 14443 B
READER
Table 6.
Communication overview for ISO/IEC 14443 B reader/writer
Communication
direction
Signal type
Transfer speed
106 kbit/s
212 kbit/s
424 kbit/s
848 kbit/s
Reader to card (send
data from the CLRC663
to a card)
fc = 13.56 MHz
reader side
modulation
10 % ASK
10 % ASK
10 % ASK
10 % ASK
bit encoding
NRZ
NRZ
NRZ
NRZ
bit rate [kbit/s]
128 / fc
64 / fc
32 / fc
16 / fc
Card to reader
(CLRC663 receives
data from a card)
card side
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier load
modulation
subcarrier
frequency
fc /16
fc/ 16
fc /16
fc / 16
bit encoding
BPSK
BPSK
BPSK
BPSK
Fig 8.
SOF and EOF according to ISO/IEC 14443 B
001aam270
UNMODULATED (SUB)
CARRIER
Start of Frame (SOF)
sequence
9.44 μs
''0''
''0''
''0''
''0''
''0''
''0''
''0''
''0''
''0''
''0''
''1''
''1''
DATA
LAST CHARACTER
UNMODULATED (SUB)
CARRIER
End of Frame (EOF)
sequence
9.44 μs
''0''
''0''
''0''
''0''
''0''
''0''
''0''
''0''
''0''
''0''



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com