Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100R Datasheet(PDF) 1 Page - API Delevan

Part # 100R
Description  Micro i짰 Ribbon-Lead Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

100R Datasheet(HTML) 1 Page - API Delevan

  100R_10 Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
Military Specifications MS21367 (LT10K)
Physical Parameters
Inches
Millimeters
A
0.065 Max.
1.65 Max.
B
0.100 ± 0.010
2.54 ± 0.254
C
0.100 ± 0.010
2.54 ±0 .254
D
0.210 Min.
5.33 Min.
E
0.012 ± 0.002 (Typ.)
0.30 ± 0.05
F
0.095 ± 0.015
2.41 ± 0.381
G
0.002 +0.001-0.000
0.05 +0.025-0.000
Weight Max. (Grams) 0.03
Current Rating at 90°C Ambient 15°C Rise
Operating Temperature Range –55°C to +105°C
Maximum Power Dissipation at 90°C 0.0205 Watts
Notes 1) L, Q and SRF measured on Boonton Q and RX
meters using special test fixtures. Details for fixtures
available.
2) Part number and quantity will appear on
package as units are too small for legible marking.
Core Material Iron (LT10K)
Mechanical Configuration 1) Units are epoxy
encapsulated.
2) Leads are tin/lead plated Beryllium
Copper
3) Gold Plated leads available on special order. 4)
RoHS compliant part available by ordering 100R Series.
Packaging Bulk only
Made In the U.S.A.
SERIES 100R
100
Micro i® Ribbon-Lead Inductors
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
MS21367 - SERIES 100 IRON CORE (LT10K)
-150N
-220N
-330N
-470N
-680N
-101N
-121M
-151M
-181M
-221M
-271M
-331M
-391M
-471M
-561M
-681M
-821M
-102M
-122K
-152K
-182K
-222K
-272K
-332K
-392K
-472K
-562K
-682K
-822K
-103K
0.065
0.090
0.115
0.120
0.150
0.170
0.140
0.160
0.190
0.21
0.24
0.25
0.28
0.31
0.45
0.62
0.65
0.73
1.00
1.20
1.50
1.70
2.00
2.20
2.80
3.10
3.30
3.80
5.00
5.60
250
250
250
250
250
250
250
250
250
250
250
250
200
175
170
165
160
135
120
110
95
80
70
65
60
55
50
45
43
40
50.0
50.0
50.0
50.0
50.0
50.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
40
40
40
40
40
40
35
40
40
40
40
40
40
40
40
40
35
35
35
32
32
35
35
37
37
40
40
40
40
40
±30%
±30%
±30%
±30%
±30%
±30%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±20%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
±10%
0.015
0.022
0.033
0.047
0.068
0.100
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
01
02
03
04
05
06
07
08
09
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
492
418
370
360
324
304
335
313
287
274
256
251
237
225
185
159
155
145
125
114
102
96
89
84
75
71
69
64
56
53
Optional Tolerances:
J = 5% H = 3% G = 2% F = 1%
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
Parts listed above are QPL/MIL qualified
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/27/10 3:06 PM Page 6


Similar Part No. - 100R_10

ManufacturerPart #DatasheetDescription
logo
API Delevan
100R-101N API-100R-101N Datasheet
233Kb / 1P
Micro i Ribbon-Lead Inductors
100R-102M API-100R-102M Datasheet
233Kb / 1P
Micro i Ribbon-Lead Inductors
100R-103K API-100R-103K Datasheet
233Kb / 1P
Micro i Ribbon-Lead Inductors
More results

Similar Description - 100R_10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512 STMICROELECTRONICS-M24512 Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
logo
Sumida Corporation
SMI-I0603 SUMIDA-SMI-I0603 Datasheet
314Kb / 2P
Micro Inductors
logo
API Delevan
100-150N API-100-150N Datasheet
233Kb / 1P
Micro i Ribbon-Lead Inductors
103R API-103R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
105R API-105R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
3090R API-3090R Datasheet
1Mb / 1P
Micro i짰 Low Profile Chip Inductors
3094R API-3094R_10 Datasheet
1Mb / 1P
Micro i짰 Chip Inductors
P160R API-P160R Datasheet
1Mb / 1P
Power Micro i짰 Chip Inductors
100R-392F API-100R-392F Datasheet
1Mb / 1P
Micro i짰 Ribbon-Lead Inductors
logo
Molex Electronics Ltd.
100061 MOLEX1-100061 Datasheet
613Kb / 2P
Temp-Flex MediSpec High-Density Micro-Ribbon Cables
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com