Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1298 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX1298
Description  12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1298 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1298 Datasheet HTML 9Page - Maxim Integrated Products MAX1298 Datasheet HTML 10Page - Maxim Integrated Products MAX1298 Datasheet HTML 11Page - Maxim Integrated Products MAX1298 Datasheet HTML 12Page - Maxim Integrated Products MAX1298 Datasheet HTML 13Page - Maxim Integrated Products MAX1298 Datasheet HTML 14Page - Maxim Integrated Products MAX1298 Datasheet HTML 15Page - Maxim Integrated Products MAX1298 Datasheet HTML 16Page - Maxim Integrated Products MAX1298 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13 fCLKs
WARMUP
44 fCLKs
CONVERTION
CYCLES 2–12
REFERENCE
SAMPLING
3 fCLKs
SUBTRACTION
AND WRITE TO
OUTPUT REGISTER
48 fCLKs
CONVERTION CYCLES 1–12
13 fCLKs
WARMUP
INPUT
ACQUISITION
INPUT
ACQUISITION
SSTRB
FCLK
4 fCLKs
CONVERSION CYCLE 1
FIRST CONVERSION
SECOND CONVERSION
12-Bit Serial-Output Temperature Sensors
with 5-Channel ADC
______________________________________________________________________________________
13
maximum time the device takes to acquire the signal.
Calculate this with the following equation:
tACQ = 7 (RS + RIN) CIN
where RS is the source impedance of the input signal,
RIN is the T/H input impedance (40k
Ω), and CIN is the
input sampling capacitance of the ADC (4pF). Source
impedances below 100k
Ω have no significant effect on
MAX1298/MAX1299 AC performance.
Analog Input Protection
Internal protection diodes clamp the analog inputs to
VDD and GND, so channels can swing within GND -
0.3V and VDD + 0.3V without damage. However, for
accurate conversions, the inputs should not extend
beyond the supply rails.
If an off-channel analog input extends beyond the
supply rails, limit the input current to 2mA.
Serial Digital Interface
The MAX1298/MAX1299 feature a serial interface that is
fully compatible with SPI, QSPI, and MICROWIRE
devices. For SPI/QSPI, ensure that the CPU serial inter-
face runs in master mode so it generates the serial
clock signal. Select a 2.5MHz clock frequency or less,
and set zero values for clock polarity (CPOL) and
phase (CPHA) in the µP control registers. Figure 4
shows detailed serial interface timing information. See
Tables 2–5 for programming information.
13 fCLKs
WARMUP
3 fCLKs
WRITE TO OUTPUT
REGISTER
INPUT
ACQUISITION
fCLKs
SSTRB
FCLK
REF
ACQUISITION 1
REF
ACQUISITION 2
44 fCLKs
CONVERSION CYCLE 1
CONVERSION CYCLES 2–12
REFERENCE SAMPLING
Figure 3b. Temperature Conversion Timing Diagram
Figure 3a. Voltage Conversion Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com