Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1298 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1298
Description  12-Bit Serial-Output Temperature Sensors with 5-Channel ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1298 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1298 Datasheet HTML 1Page - Maxim Integrated Products MAX1298 Datasheet HTML 2Page - Maxim Integrated Products MAX1298 Datasheet HTML 3Page - Maxim Integrated Products MAX1298 Datasheet HTML 4Page - Maxim Integrated Products MAX1298 Datasheet HTML 5Page - Maxim Integrated Products MAX1298 Datasheet HTML 6Page - Maxim Integrated Products MAX1298 Datasheet HTML 7Page - Maxim Integrated Products MAX1298 Datasheet HTML 8Page - Maxim Integrated Products MAX1298 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
12-Bit Serial-Output Temperature Sensors
with 5-Channel ADC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = 4.75V to 5.25V (MAX1298), VDD = +2.7V to 3.6V (MAX1299), external reference, VREF = +2.5V (MAX1298), VREF = +1.2V
(MAX1299), fSCLK = 2.5MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND.……………………………………………-0.3V to +6V
SHO to GND ...............................................-0.3V to (VDD + 0.3V)
Analog Inputs to GND
(AIN0, AIN1, AIN2, AIN3, AIN4,
AIN5, REF).............................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND (DIN, SCLK, CS)......-0.3V to (VDD + 0.3V)
Digital Outputs to GND (DOUT, SSTRB) ....-0.3V to (VDD + 0.3V)
Digital Output Sink Current ..…………………………………25mA
Maximum Current into Any Pin……………………………….50mA
Continuous Power Dissipation (TA = +70°C)
16-Pin SSOP (derate 7.1mW/°C above +70°C) .......571.4mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature....……………………………………+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) ....……………………+300°C
Soldering Temperature (reflow) ..........……………………+260°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Note 1)
Resolution
RES
12
Bits
Relative Accuracy (Note 2)
INL
±1
LSB
Differential Nonlinearity
DNL
±1
LSB
Offset Error
Inputs AIN0
−AIN5
±2
LSB
Offset Temperature Coefficient
±10
µV/°C
Gain Error
Inputs AIN0
−AIN5, offset nulled
±4
LSB
VDD/4 Absolute Error
±2
LSB
Gain Temperature Coefficient
±2
ppm/
°C
Channel-to-Channel Offset
Matching
±0.5
LSB
CONVERSION RATE
Voltage measurement
1.1
Conversion Time (Note 3)
tCONV
Temperature measurement
2.2
ms
Track/Hold Acquisition Time
tACQ
16
µs
Aperture Delay
tAPR
30
ns
Internal Clock Frequency
fCLK
57.6
62.3
65.5
kHz
ANALOG INPUTS (AIN0
−AIN5)
Input Voltage Range (Note 4)
Measurement with respect to IN-, Figure 1
-2VREF
+2VREF
V
Common-Mode Range
0VDD
V
Input Current (Note 5)
0.1
5
µA
Input Capacitance
16
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com