Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4222R Datasheet(PDF) 1 Page - API Delevan

Part # 4222R
Description  Surface Mount Common Mode Bead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

4222R Datasheet(HTML) 1 Page - API Delevan

  4222R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES 4222R
4222
Surface Mount Common Mode Bead
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
Mechanical Configuration Ferrite bead with plated copper wire.
Provides a common path for the magnetic flux generated by the current to
and from the load. The resulting effect is zero magnetics flux in the core.
Physical Parameters
Inches
Millimeters
A
0.335 ± 0.031
8.51 ± 0.79
B
0.220 ± 0.010
5.6 ± 0.25
C
0.112 ± 0.010
2.85 ± 0.25
D
0.050 ± 0.010
1.27 ± 0.25
E
0.045 ± 0.005
1.10 ± 0.122
F (Ref.)
0.10
2.54
V (Ref.)
0.177
4.5
W (Ref.)
0.295
7.5
X (Ref.)
0.071
1.8
Y (Ref.)
0.118
3.0
Z (Ref.)
0.100
2.54
Packaging Bulk only
Performance Withstands a breakdown voltage of
500 VDC
DCR 0.010 Ohms Max.
Current Rating at 90°C Ambient
35°C Rise, 5 Amps max.
Impedances are measured on the HP4191A
Impedance Analyzer
Impedance vs. Frequency (Typical)
@ MHz
Ohms
1
6.0
10
26.
25
38.
50
45.
100
54.
300
80.
For more detailed graphs, contact factory
Actual Size
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 4:00 PM Page 113


Similar Part No. - 4222R

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
4222 ASM-SENSOR-4222 Datasheet
4Mb / 12P
HIGH-END- und HIGH-PERFORMANCE-MULTIMETER
logo
Heyco.
4222 HEYCO-4222 Datasheet
104Kb / 1P
Shorty Cable Holders
logo
Molex Electronics Ltd.
42225-0002 MOLEX2-42225-0002 Datasheet
201Kb / 8P
2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 2 Circuits, Tin (Sn) Plating
42225-0002 MOLEX11-42225-0002 Datasheet
59Kb / 2P
KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 2 Circuits, Tin (Sn) Plating
42225-0003 MOLEX2-42225-0003 Datasheet
201Kb / 8P
2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 3 Circuits, Tin (Sn) Plating
More results

Similar Description - 4222R

ManufacturerPart #DatasheetDescription
logo
API Delevan
CM6350 API-CM6350 Datasheet
46Kb / 1P
Surface Mount Common Mode Choke
logo
Bi technologies
HM67 BITECH-HM67 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
Rhombus Industries Inc.
F-215 RHOMBUS-IND-F-215 Datasheet
25Kb / 1P
Surface Mount Common Mode Choke
8/16/96
F-1921HV RHOMBUS-IND-F-1921HV Datasheet
21Kb / 1P
Surface Mount Common Mode Choke
1/17/2001
L-472 RHOMBUS-IND-L-472 Datasheet
24Kb / 1P
Surface Mount Common Mode Choke
9/22/99
logo
Bothhand USA, LP.
BCM-7540 BOTHHAND-BCM-7540 Datasheet
158Kb / 1P
SURFACE MOUNT COMMON MODE CHOKE
BCM-5853 BOTHHAND-BCM-5853 Datasheet
98Kb / 1P
SURFACE MOUNT COMMON MODE CHOKE
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_V01 Datasheet
130Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
ICM-1206 VISHAY-ICM-1206_V01 Datasheet
125Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com