Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DC780R Datasheet(PDF) 1 Page - API Delevan

Part # DC780R
Description  High Current Power Line Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

DC780R Datasheet(HTML) 1 Page - API Delevan

  DC780R Datasheet HTML 1Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Actual Size
SERIES
Physical Parameters
Inches
Millimeters
A
0.775 ± 0.025
19.6 ± 0.6
B (C/L to C/L)
See Characteristics table
C
0.750 Min.
19.05 Min.
D
0.815 ± 0.015
20.7 ±.4
E (Ref. only)
0.195 Max.
4.95 Max.
F
Clearance Hole for 4/40 Screw
Leads Tinned to within 1/16" of Body
Inductance Measured @ 1 KHz with 0 Amps dc
Mechanical Configuration Center hole allows for
mechanical mounting; insulated bobbins.
Operating Temperature
–55°C to +125°C;
–55°C to +80°C @ full rated current
Current Rating at 80°C Ambient 45°C Rise
Incremental Current Minimum current which causes a
5% max. change in Inductance
Power Dissipation at 80°C 1.400 Watts Max.
Dielectric Withstanding Voltage 1000 V RMS Min.
Marking DELEVAN; DC780; dash number with tolerance
letter. Note: An R after DC780 indicates a RoHS
component.
Example: DC780R-103K
DELEVAN
DC780R
103K
Packaging Bulk only
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814 • E-mail: apisales@delevan.com • www.delevan.com
DC780R
DC780
High Current Power Line Chokes
SERIES DC780
-102L
-122L
-152L
-182L
-222L
-272L
-332L
-392L
-472L
-562L
-682L
-822L
-103K
-123K
-153K
-183K
-223K
-273K
-333K
-393K
-473K
-563K
-683K
-823K
-104K
-124K
-154K
-184K
-224K
-274K
-334K
-394K
-474K
-564K
-684K
-824K
-105K
-125K
-155K
-185K
-225K
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.620
0.625
0.630
0.630
0.546
0.546
0.594
0.625
0.625
0.656
0.656
0.593
0.593
0.593
0.593
0.593
0.562
0.590
0.590
0.590
0.590
0.590
0.590
0.590
0.590
0.590
0.590
0.590
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.051
0.045
0.045
0.045
0.040
0.036
0.036
0.036
0.036
0.036
0.036
0.036
0.036
0.032
0.032
0.029
0.025
0.025
0.025
0.025
0.023
0.023
0.023
0.020
0.018
0.018
0.018
0.018
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
11.4
9.0
7.2
7.2
5.5
5.5
5.5
5.5
5.5
4.8
4.8
4.0
4.0
4.0
4.0
2.8
2.0
1.6
1.6
1.6
1.6
1.6
1.3
1.0
0.8
0.8
0.8
0.8
110.0
108.0
89.0
81.0
73.0
66.0
60.0
55.0
50.0
46.0
42.0
38.0
34.5
31.5
28.2
25.7
23.3
21.0
19.0
17.5
15.9
14.6
13.2
12.1
10.9
10.0
8.9
8.1
7.4
6.6
6.0
5.5
5.0
4.6
4.2
3.8
3.5
3.2
2.8
2.6
2.3
0.003
0.003
0.003
0.003
0.004
0.005
0.005
0.005
0.005
0.006
0.007
0.007
0.009
0.009
0.013
0.018
0.019
0.026
0.029
0.030
0.035
0.039
0.053
0.060
0.080
0.090
0.098
0.110
0.150
0.213
0.305
0.320
0.355
0.388
0.430
0.590
0.818
1.140
1.260
1.390
1.540
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 15%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
± 10%
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
390
470
560
680
820
1,000
1,200
1,500
1,800
2,200
*Complete part # must include series # PLUS the dash #
For surface finish information, refer to www.delevanfinishes.com
1/2009
API_newlayouts_single:APIcatalog_newlayouts 8/26/10 2:15 PM Page 98


Similar Part No. - DC780R

ManufacturerPart #DatasheetDescription
logo
API Delevan
DC780 API-DC780 Datasheet
26Kb / 1P
High Current Power Line Chokes
DC780-102L API-DC780-102L Datasheet
26Kb / 1P
High Current Power Line Chokes
DC780-103K API-DC780-103K Datasheet
26Kb / 1P
High Current Power Line Chokes
DC780-104K API-DC780-104K Datasheet
26Kb / 1P
High Current Power Line Chokes
DC780-105K API-DC780-105K Datasheet
26Kb / 1P
High Current Power Line Chokes
More results

Similar Description - DC780R

ManufacturerPart #DatasheetDescription
logo
API Delevan
DC630 API-DC630 Datasheet
25Kb / 1P
High Current Power Line Chokes
DC780 API-DC780 Datasheet
26Kb / 1P
High Current Power Line Chokes
DC1050-104K API-DC1050-104K Datasheet
259Kb / 1P
High Current Power Line Chokes
DC1390-153K API-DC1390-153K Datasheet
285Kb / 1P
High Current Power Line Chokes
DC630R API-DC630R Datasheet
1Mb / 1P
High Current Power Line Chokes
DC1050R API-DC1050R_10 Datasheet
1Mb / 1P
High Current Power Line Chokes
DC1390R API-DC1390R_10 Datasheet
1Mb / 1P
High Current Power Line Chokes
logo
EPCOS
B82732F EPCOS-B82732F Datasheet
634Kb / 6P
Power line chokes Current-compensated frame core double chokes
B82733F EPCOS-B82733F_13 Datasheet
635Kb / 7P
Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
Power line chokes Current-compensated ring core double chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com